Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3230MNTXG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3230MNTXG
Description  High Current Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3230MNTXG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3230MNTXG Datasheet HTML 4Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 5Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 9Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 10Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 11Page - ON Semiconductor NCP3230MNTXG Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP3230
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 9. Soft−start Current vs. Temperature
Figure 10. RDS(on)/ISET Current vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
2.30
2.35
2.45
2.50
2.60
2.65
2.70
125
95
65
50
35
5
−10
−40
35
36
37
38
39
40
41
Figure 11. High−side RDS(on) vs. Temperature
Figure 12. Low−side RDS(on) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
95
80
35
20
5
−10
−25
−40
3.0
3.5
4.0
5.0
5.5
6.0
110
80
65
20
5
−10
−25
−40
0.6
0.7
0.8
0.9
1.0
1.1
Figure 13. Efficiency vs. Iout
(Vin = 12 V)
Figure 14. Efficiency vs. Iout
(Vin = 5 V)
IOUT, LOAD CURRENT (A)
IOUT, LOAD CURRENT (A)
20
15
5
0
70
80
85
95
100
30
20
15
10
5
0
70
75
85
90
95
100
110
80
50
20
5
−10
−25
35
65
95
125
−40
2.40
2.55
110
80
20
−25
4.5
6.5
50
65
110 125
VIN/VCC = 4.5 V
VIN/VCC = 12 V
VIN/VCC = 4.5 V
VIN/VCC = 12 V
35
50
95
125
75
90
10
30
VIN = 12 V
TA = Room
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
VOUT = 5.0 V
25
80
25
VIN = 5 V
TA = Room
VOUT = 1.0 V
VOUT = 1.2 V
VOUT = 1.8 V
VOUT = 2.5 V
VOUT = 3.3 V
1.2
1.3
1.4
42
43
44
45


Similar Part No. - NCP3230MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231AMNTXG ONSEMI-NCP3231AMNTXG Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231BMNTXG ONSEMI-NCP3231BMNTXG Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results

Similar Description - NCP3230MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
   High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com