Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD3985G31R Datasheet(PDF) 2 Page - STMicroelectronics

Part # LD3985G31R
Description  ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REGULATORS LOW ESR CAPACITORS COMPATIBLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD3985G31R Datasheet(HTML) 2 Page - STMicroelectronics

  LD3985G31R Datasheet HTML 1Page - STMicroelectronics LD3985G31R Datasheet HTML 2Page - STMicroelectronics LD3985G31R Datasheet HTML 3Page - STMicroelectronics LD3985G31R Datasheet HTML 4Page - STMicroelectronics LD3985G31R Datasheet HTML 5Page - STMicroelectronics LD3985G31R Datasheet HTML 6Page - STMicroelectronics LD3985G31R Datasheet HTML 7Page - STMicroelectronics LD3985G31R Datasheet HTML 8Page - STMicroelectronics LD3985G31R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LD3985 SERIES
2/14
Table 1: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
(*) The input pin is able to withstand non repetitive spike of 6.5V for 200ms.
Table 2: Thermal Data
Table 3: Order Codes
(*) Available on request.
Symbol
Parameter
Value
Unit
VI
DC Input Voltage
-0.3 to 6 (*)
V
VO
DC Output Voltage
-0.3 to VI+0.3
V
VINH
INHIBIT Input Voltage
-0.3 to VI+0.3
V
IO
Output Current
Internally limited
PD
Power Dissipation
Internally limited
TSTG
Storage Temperature Range
-65 to 150
°C
TOP
Operating Junction Temperature Range
-40 to 125
°C
Symbol
Parameter
SOT23-5L/
TSOT23-5L
Flip-Chip
Unit
Rthj-case Thermal Resistance Junction-case
81
°C/W
Rthj-amb Thermal Resistance Junction-ambient
255
170
°C/W
SOT23-5L
TSOT23-5L
Flip-Chip
OUTPUT VOLTAGES
LD3985M12R (*)
LD3985G12R (*)
LD3985J12R (*)
1.20 V
LD3985M122R
LD3985G122R (*)
LD3985J122R
1.22 V
LD3985M125R (*)
LD3985G125R (*)
LD3985J125R
1.25 V
LD3985M135R (*)
LD3985G135R (*)
LD3985J135R
1.35 V
LD3985M15R
LD3985G15R (*)
LD3985J15R (*)
1.5 V
LD3985M18R
LD3985G18R
LD3985J18R
1.8 V
LD3985M20R (*)
LD3985G20R (*)
LD3985J20R (*)
2.0 V
LD3985M21R (*)
LD3985G21R (*)
LD3985J21R (*)
2.1 V
LD3985M22R (*)
LD3985G22R (*)
LD3985J22R (*)
2.2 V
LD3985M24R (*)
LD3985G24R (*)
LD3985J24R
2.4 V
LD3985M25R
LD3985G25R
LD3985J25R
2.5 V
LD3985M26R (*)
LD3985G26R (*)
LD3985J26R
2.6 V
LD3985M27R
LD3985G27R
LD3985J27R
2.7 V
LD3985M28R (*)
LD3985G28R (*)
LD3985J28R
2.8 V
LD3985M285R (*)
LD3985G285R (*)
LD3985J285R (*)
2.85 V
LD3985M29R
LD3985G29R
LD3985J29R
2.9 V
LD3985M30R (*)
LD3985G30R (*)
LD3985J30R
3.0 V
LD3985M31R (*)
LD3985G31R (*)
LD3985J31R
3.1 V
LD3985M32R (*)
LD3985G32R (*)
LD3985J32R (*)
3.2 V
LD3985M33R
LD3985G33R (*)
LD3985J33R
3.3 V
LD3985M44R (*)
LD3985G44R (*)
LD3985J44R (*)
4.4 V
LD3985M47R
LD3985G47R (*)
LD3985J47R
4.7 V
LD3985M48R (*)
LD3985G48R (*)
LD3985J48R
4.8 V
LD3985M49R (*)
LD3985G49R (*)
LD3985J49R (*)
4.9 V
LD3985M50R (*)
LD3985G50R (*)
LD3985J50R (*)
5.0 V


Similar Part No. - LD3985G31R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985G30R STMICROELECTRONICS-LD3985G30R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD3985G33R STMICROELECTRONICS-LD3985G33R Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
More results

Similar Description - LD3985G31R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD3985XX STMICROELECTRONICS-LD3985XX Datasheet
552Kb / 22P
   Ultra low drop-low noise BiCMOS voltage regulators low ESR capacitors compatible
LD2980ABXX STMICROELECTRONICS-LD2980ABXX Datasheet
429Kb / 23P
   Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors
LD2981ABXX STMICROELECTRONICS-LD2981ABXX Datasheet
430Kb / 23P
   Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
LD3986 STMICROELECTRONICS-LD3986 Datasheet
230Kb / 12P
   DUAL ULTRA LOW DROP-LOW NOISE BICMOS VOLTAGE REG. FOR USE WITH VERY LOW ESR OUT. CAPACITORS
LD2980 STMICROELECTRONICS-LD2980 Datasheet
416Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE
logo
Stanson Technology
ST6206 STANSON-ST6206 Datasheet
297Kb / 8P
   Low ESR Low Drop Out Voltage Regulators
logo
STMicroelectronics
LD39150 STMICROELECTRONICS-LD39150 Datasheet
459Kb / 19P
   Ultra low drop BICMOS voltage regulator
LD39080 STMICROELECTRONICS-LD39080 Datasheet
504Kb / 20P
   Ultra low drop BICMOS voltage regulator
LD39150XX STMICROELECTRONICS-LD39150XX Datasheet
511Kb / 19P
   Ultra low drop BiCMOS voltage regulator
LD39300 STMICROELECTRONICS-LD39300 Datasheet
359Kb / 17P
   Ultra low drop BICMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com