Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AF511AL70NC1T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M68AF511AL70NC1T
Description  4 Mbit (512K x8), 5V Asynchronous SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF511AL70NC1T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M68AF511AL70NC1T Datasheet HTML 6Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 7Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 8Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 9Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 10Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 11Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 12Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 13Page - STMicroelectronics M68AF511AL70NC1T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M68AF511A
10/18
Table 7. Read and Standby Mode AC Characteristics
Note: 1. Test conditions assume transition timig reference level = 0.3VCC or 0.7VCC.
2. At any given temperature and voltage condition, tEHQZ is less than tELQX and tGHQZ is less than tGLQX for any given device.
3. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
4. Tested initially and after any design or process changes that may affect these parameters
Symbol
Parameter
M68AF511A
Unit
55
70
tAVAV
Read Cycle Time
Min
55
70
ns
tAVQV
Address Valid to Output Valid
Max
55
70
ns
tAXQX
(1)
Data hold from Address change
Min
5
5
ns
tEHQZ
(2,3)
Chip Enable High to Output Hi-Z
Max
20
25
ns
tELQV
Chip Enable Low to Output Valid
Max
55
70
ns
tELQX
(1)
Chip Enable Low to Output Transition
Min
5
5
ns
tGHQZ
(2,3)
Output Enable High to Output Hi-Z
Max
20
25
ns
tGLQV
Output Enable Low to Output Valid
Max
25
35
ns
tGLQX
(1)
Output Enable Low to Output Transition
Min
5
5
ns
tPD
(4)
Chip Enable High to Power Down
Max
0
0
ns
tPU
(4)
Chip Enable Low to Power Up
Min
55
70
ns


Similar Part No. - M68AF511AL70NC1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF511AL70NC1T STMICROELECTRONICS-M68AF511AL70NC1T Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
More results

Similar Description - M68AF511AL70NC1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF127B STMICROELECTRONICS-M68AF127B Datasheet
373Kb / 23P
   1Mbit 128K x8, 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M68AR512D STMICROELECTRONICS-M68AR512D Datasheet
140Kb / 19P
   8 Mbit 512K x16 1.8V Asynchronous SRAM
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
   8 Mbit (512K x16) 3.0V Asynchronous SRAM
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com