Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5365QI Datasheet(PDF) 10 Page - Altera Corporation

Part # EN5365QI
Description  3-Pin VID Output Voltage Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5365QI Datasheet(HTML) 10 Page - Altera Corporation

Back Button EN5365QI Datasheet HTML 6Page - Altera Corporation EN5365QI Datasheet HTML 7Page - Altera Corporation EN5365QI Datasheet HTML 8Page - Altera Corporation EN5365QI Datasheet HTML 9Page - Altera Corporation EN5365QI Datasheet HTML 10Page - Altera Corporation EN5365QI Datasheet HTML 11Page - Altera Corporation EN5365QI Datasheet HTML 12Page - Altera Corporation EN5365QI Datasheet HTML 13Page - Altera Corporation EN5365QI Datasheet HTML 14Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
EN5365QI
Start up waveforms VIN=5.0V, VOUT=1.2V, CSS=15nF,
Start up waveforms VIN=5.0V, VOUT=3.3V, CSS=15nF,
Ch 1 = VOUT, Ch 3 = ENABLE, Ch 4 = POK.
Ch 1 = VOUT, Ch 3 = ENABLE, Ch 4 = POK.
10
www.altera.com/enpirion
03816
October 11, 2013
Rev G


Similar Part No. - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5365QI-E ENPIRION-EN5365QI-E Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results

Similar Description - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
Maxim Integrated Produc...
MAX17480 MAXIM-MAX17480 Datasheet
994Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 0; 2/09
MAX17080 MAXIM-MAX17080 Datasheet
983Kb / 48P
   AMD 2-/3-Output Mobile Serial VID Controller
Rev 1; 5/09
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Panasonic Semiconductor
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN79N00 PANASONIC-AN79N00 Datasheet
63Kb / 9P
   3-pin Negative Output Voltage Regulator 300mA Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com