Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1021QI Datasheet(PDF) 5 Page - Altera Corporation

Part # ES1021QI
Description  Power Sequencing Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1021QI Datasheet(HTML) 5 Page - Altera Corporation

  ES1021QI Datasheet HTML 1Page - Altera Corporation ES1021QI Datasheet HTML 2Page - Altera Corporation ES1021QI Datasheet HTML 3Page - Altera Corporation ES1021QI Datasheet HTML 4Page - Altera Corporation ES1021QI Datasheet HTML 5Page - Altera Corporation ES1021QI Datasheet HTML 6Page - Altera Corporation ES1021QI Datasheet HTML 7Page - Altera Corporation ES1021QI Datasheet HTML 8Page - Altera Corporation ES1021QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Page 5
Enpirion Power Datasheet ES1021QI Power Sequencing Controller
July 2014
Altera Corporation
Pin Descriptions
PIN
NAME
PIN
NUMBER
DESCRIPTION
VDD
23
Chip Bias. Bias IC from nominal 1.5V to 5V.
GND
10
Bias Return. IC ground.
ENABLE_1
1
Input to start on/off sequencing. Input to initiate start of programmed sequencing of supplies on or off. Enable functionality disabled for 10ms
after UVLO is satisfied. ES1021QI has two ENABLE inputs; one for each 2-channel grouping. ENABLE_1 is for (A, B), and ENABLE_2 is for (C, D).
ENABLE_2
11
RESET
24
RESET Output. RESET provides low signal 150ms after all GATEs are fully enhanced. Delay is for stabilization of output voltages. RESET asserts
low upon UVLO not being satisfied or ENABLE being deasserted. RESET outputs are open-drain, N-channel FET and are guaranteed to be in correct
state for VDD down to 1V and are filtered to ignore fast transients on VDD and UVLO_X.
RESET_2 only exists for (C, D) group I/O.
RESET_2
9
UVLO_A
20
Undervoltage Lockout/Monitoring Input. Provides a programmable UV lockout referenced to an internal 0.633V reference. Filtered to ignore short
(<30µs) transients below programmed UVLO level.
UVLO_B
12
UVLO_C
17
UVLO_D
14
DLY_ON_A
21
Gate On Delay Timer Output. Allows programming of delay and sequence for VOUT turn-on using a capacitor to ground. Each capacitor charged
with 1µA 10ms after turn-on initiated by ENABLE/ENABLE. Internal current source provides delay to associated FET GATE turn-on.
DLY_ON_B
8
DLY_ON_C
16
DLY_ON_D
15
DLY_OFF_A
18
Gate Off Delay Timer Output. Allows programming of delay and sequence for VOUT turn-off through ENABLE/ENABLE via a capacitor to ground.
Each capacitor charged with 1µA internal current source to an internal reference voltage, causing corresponding gate to be pulled down, thus
turning off FET.
DLY_OFF_B
13
DLY_OFF_C
3
DLY_OFF_D
4
GATE_A
2
FET Gate Drive Output. Drives external FETs with 1µA current source to soft-start ramp into load.
GATE_B
5
GATE_C
6
GATE_D
7
GND
EPAD
Ground. Die Substrate. Can be left floating.
NC
19, 22
No Connect
ES1021QI Feature Matrix
PART
NAME
EN/EN
CMOS/
TTL
GATE DRIVE
OR OPEN
DRAIN
OUTPUTS
REQUIRED
CONDITIONS
FOR INITIAL
START-UP
NUMBER OF
UVLO INPUTS
MONITORED BY
EACH RESET
NUMBER OF
CHANNELS THAT
TURN OFF WHEN
ONE UVLO
FAULTS
PRESET OR
ADJUSTABLE
SEQUENCE
NUMBER OF
UVLO AND
PAIRS OF I/O
FEATURES
ES1021QI
EN
CMOS
Gate Drive
4 UVLO
2 EN
2 UVLO
2 Gates
Preset
2 Monitors
with 2 I/O
Dual Redundant
Operation
10128
July 9, 2014
Rev A


Similar Part No. - ES1021QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
More results

Similar Description - ES1021QI

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
PS10NG SUTEX-PS10NG Datasheet
652Kb / 9P
   Quad Power Sequencing Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com