Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4747 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4747
Description  50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4747 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4747 Datasheet HTML 2Page - Maxim Integrated Products MAX4747 Datasheet HTML 3Page - Maxim Integrated Products MAX4747 Datasheet HTML 4Page - Maxim Integrated Products MAX4747 Datasheet HTML 5Page - Maxim Integrated Products MAX4747 Datasheet HTML 6Page - Maxim Integrated Products MAX4747 Datasheet HTML 7Page - Maxim Integrated Products MAX4747 Datasheet HTML 8Page - Maxim Integrated Products MAX4747 Datasheet HTML 9Page - Maxim Integrated Products MAX4747 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
50
Ω Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
6
_______________________________________________________________________________________
ON-RESISTANCE vs. VCOM
VCOM (V)
2.0
1.5
1.0
0.5
5
10
15
20
25
30
0
02.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
V+ = 2.5V
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
10
100
1000
10,000
0.1
-40
85
V+ = 3V, 5V
100
0.01
-40
-15
35
60
85
LEAKAGE vs. TEMPERATURE
0.1
1
10
TEMPERATURE (
°C)
10
V+ = 5V,
VCOM = 4.5V,
NO_ or NC_ = FLOATING
ON
OFF
IN LOGIC THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
10
8
2
4
6
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
012
VNO_ = V+
0
0.01
0.1
1
10
100
1000
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
FREQUENCY RESPONSE
FREQUENCY (MHz)
LOSS
PHASE
CROSSTALK
OFF-
ISOLATION
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CHARGE INJECTION vs. VCOM
VCOM (V)
10
8
6
4
2
10
20
30
40
50
60
0
012
V+ = 11V
V+ = 5V
V+ = 3V
TURN-ON/OFF TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
10
20
30
40
50
60
70
80
0
-40
85
tON, V+ = 3V
tON, V+ = 5V
tOFF, V+ = 3V tOFF, V+ = 5V
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
10
8
6
4
2
20
40
60
80
100
120
0
012
tON
tOFF
VNO = V+/2
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (kHz)
10
1
0.1
0.01
0.1
1
0.001
0.01
100
SOURCE AND LOAD = 600
VCOM = 2VP-P
V+ = 5V
V+ = 3V


Similar Part No. - MAX4747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747EBE-T MAXIM-MAX4747EBE-T Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747ETE MAXIM-MAX4747ETE Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747ETE++ MAXIM-MAX4747ETE+ Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
More results

Similar Description - MAX4747

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4731 MAXIM-MAX4731 Datasheet
318Kb / 12P
   50 ?쪫ual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com