Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56-11SYKWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # SA56-11SYKWA
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA56-11SYKWA Datasheet(HTML) 4 Page - Kingbright Corporation

  SA56-11SYKWA Datasheet HTML 1Page - Kingbright Corporation SA56-11SYKWA Datasheet HTML 2Page - Kingbright Corporation SA56-11SYKWA Datasheet HTML 3Page - Kingbright Corporation SA56-11SYKWA Datasheet HTML 4Page - Kingbright Corporation SA56-11SYKWA Datasheet HTML 5Page - Kingbright Corporation SA56-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPEC NO: DSAM8434
REV NO: V.2A
DATE: MAR/31/2015
PAGE: 4 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301002161
PACKING & LABEL SPECIFICATIONS
SA56-11SYKWA
Terms and conditions for the usage of this document
1. The information included in this document reflects representative usage scenarios and is intended for technical reference only.
2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without
notice. Before production usage customer should refer to the latest datasheet for the updated specifications.
3. When using the products referenced in this document, please make sure the product is being operated within the environmental
and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible
for any subsequent issues.
4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has
special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with
Kingbright representative for further assistance.
5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright.
6. All design applications should refer to Kingbright application notes available at http://www.KingbrightUSA.com/ApplicationNotes


Similar Part No. - SA56-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SURKWA KINGBRIGHT-SA56-11SURKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA56-11SYKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com