Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1229BCEP-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1229BCEP-T
Description  12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1229BCEP-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1229BCEP-T Datasheet HTML 1Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 2Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 3Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 4Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 5Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 6Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 7Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 8Page - Maxim Integrated Products MAX1229BCEP-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX1227/MAX1229/MAX1231 are serial 12-bit ana-
log-to-digital converters (ADCs) with an internal reference
and an internal temperature sensor. These devices fea-
ture on-chip FIFO, scan mode, internal clock mode, inter-
nal averaging, and AutoShutdown™. The maximum
sampling rate is 300ksps using an external clock. The
MAX1231 has 16 input channels, the MAX1229 has 12
input channels, and the MAX1227 has 8 input channels.
All input channels are configurable for single-ended or
differential inputs in unipolar or bipolar mode. All three
devices operate from a +3V supply and contain a 10MHz
SPI™/QSPI™/MICROWIRE™-compatible serial port.
The MAX1231 is available in 28-pin 5mm x 5mm QFN
with exposed pad and 24-pin QSOP packages. The
MAX1227/MAX1229 are only available in QSOP pack-
ages. All three devices are specified over the extended
-40°C to +85°C temperature range.
________________________Applications
System Supervision
Data-Acquisition Systems
Industrial Control Systems
Patient Monitoring
Data Logging
Instrumentation
Features
o Internal Temperature Sensor (±1°C Accuracy)
o 16-Entry First-In/First-Out (FIFO)
o Analog Multiplexer with True Differential
Track/Hold
16-, 12-, 8-Channel Single Ended
8-, 6-, 4-Channel True Differential
(Unipolar or Bipolar)
o Accuracy: ±1 LSB INL, ±1 LSB DNL, No Missing
Codes Over Temperature
o Scan Mode, Internal Averaging, and Internal Clock
o Low-Power Single +3V Operation
0.62mA at 300ksps
o Internal 2.5V Reference or External Differential
Reference
o 10MHz 3-Wire SPI/QSPI/MICROWIRE-Compatible
Interface
o Space-Saving 28-Pin 5mm x 5mm QFN Package
12-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AIN0
TOP VIEW
EOC
DOUT
DIN
CS
SCLK
VDD
GND
REF+
MAX1227
QSOP
AIN1
AIN2
AIN5
AIN3
AIN4
REF-/AIN6
CNVST/AIN7
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
EOC
DOUT
DIN
CS
AIN3
AIN2
AIN1
AIN0
SCLK
VDD
GND
REF+
AIN7
AIN6
AIN5
AIN4
12
11
9
10
CNVST/AIN11
REF-/AIN10
AIN9
AIN8
MAX1229
QSOP
Pin Configurations
19-2851; Rev 1; 7/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
*Future product—contact factory for availability.
PART
TEMP RANGE
PIN-PACKAGE
MAX1227ACEE-T*
0°C to +70°C
16 QSOP
MAX1227AEEE-T*
-40°C to +85°C
16 QSOP
Pin Configurations continued at end of data sheet.
Ordering Information continued at end of data sheet.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX1229BCEP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1229BCEP-T MAXIM-MAX1229BCEP-T Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
More results

Similar Description - MAX1229BCEP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com