Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC56-11SURKWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # SC56-11SURKWA
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC56-11SURKWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SC56-11SURKWA Datasheet HTML 1Page - Kingbright Corporation SC56-11SURKWA Datasheet HTML 2Page - Kingbright Corporation SC56-11SURKWA Datasheet HTML 3Page - Kingbright Corporation SC56-11SURKWA Datasheet HTML 4Page - Kingbright Corporation SC56-11SURKWA Datasheet HTML 5Page - Kingbright Corporation SC56-11SURKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8449
REV NO: V.2A
DATE: MAR/31/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301001102
14.2mm (0.56INCH) SINGLE DIGIT
NUMERIC DISPLAY
Part Number: SC56-11SURKWA
Hyper Red
Features
0.56 inch digit height.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Mechanically rugged.
Standard : gray face, white segment.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Similar Part No. - SC56-11SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC56-11SRWA KINGBRIGHT-SC56-11SRWA Datasheet
101Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SRWA KINGBRIGHT-SC56-11SRWA_11 Datasheet
202Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SYKWA KINGBRIGHT-SC56-11SYKWA Datasheet
348Kb / 6P
   14.22mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC56-11SURKWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com