Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1231BCGI-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1231BCGI-T
Description  12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1231BCGI-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1231BCGI-T Datasheet HTML 1Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 2Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 3Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 4Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 5Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 6Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 7Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 8Page - Maxim Integrated Products MAX1231BCGI-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
12-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V, fSAMPLE = 300kHz, fSCLK = 4.8MHz (50% duty cycle), VREF = 2.5V, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONVERSION RATE
External reference
0.8
Power-Up Time
tPU
Internal reference (Note 3)
65
µs
Acquisition Time
tACQ
0.6
µs
Internally clocked
3.5
Conversion Time
tCONV
Externally clocked (Note 4)
2.7
µs
Externally clocked conversion
0.1
4.8
External Clock Frequency
fSCLK
Data I/O
10
MHz
SCLK Duty Cycle
40
60
%
Aperture Delay
30
ns
Aperture Jitter
<50
ps
ANALOG INPUT
Unipolar
0
VREF
Input Voltage Range
Bipolar (Note 5)
-VREF / 2
VREF / 2
V
Input Leakage Current
VIN = VDD
±0.01
±1
µA
Input Capacitance
During acquisition time (Note 6)
24
pF
INTERNAL TEMPERATURE SENSOR
Grade A, TA = +25
°C
±0.3
Grade A, TA = -20°C to +85°C
±0.5
±1
Grade A, TA = TMIN to TMAX
±0.75
±1.5
Grade B, TA = +25
°C
±0.7
Measurement Error (Note 7)
Grade B, TA = TMIN to TMAX
±1.2
±2.5
°C
Temperature Measurement Noise
0.4
°CRMS
Temperature Resolution
1/8
°C
Power-Supply Rejection
0.3
°C/V
INTERNAL REFERENCE
REF Output Voltage
2.48
2.50
2.52
V
Grade A
±8
REF Temperature Coefficient
TCREF
Grade B
±30
ppm/°C
Output Resistance
6.5
k
REF Output Noise
200
µVRMS
REF Power-Supply Rejection
PSRR
-70
dB
EXTERNAL REFERENCE INPUT
REF- Input Voltage Range
VREF-
0
500
mV
REF+ Input Voltage Range
VREF+
1.0
VDD + 50mV
V
VREF+ = 2.5V, fSAMPLE = 300ksps
40
100
REF+ Input Current
IREF+
VREF+ = 2.5V, fSAMPLE = 0
±0.1
±5
µA


Similar Part No. - MAX1231BCGI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1231BCEG-T MAXIM-MAX1231BCEG-T Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1231BCTI-T MAXIM-MAX1231BCTI-T Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
More results

Similar Description - MAX1231BCGI-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
   12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
   12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
   10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com