Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


MC100ES6011D Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC100ES6011D
Description  2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 3 page
background image
MC100ES6011
TIMING SOLUTIONS
3
MOTOROLA
Table 4. DC Characteristics (VCC = 0 V; VEE = –3.8 to –3.135 or VCC = 3.8 to 3.135 V; VEE = 0 V)1
1. ES6011 circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and transverse airflow > 500 LFPM is maintained.
Symbol
Characteristic
–40
°C
0
°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
12
25
12
25
mA
VOH
Output HIGH Voltage2
2. Output termination voltage V
TT = 0 V for VCC = 2.5 V operation is supported but the power consumption of the device will increase.
VCC–1160
VCC–1005
VCC–880
VCC–1100
VCC–955
VCC–740
mV
VOL
Output LOW Voltage2
VCC–1830
VCC–1705
VCC–1405
VCC–1830
VCC–1705
VCC–1405
mV
VOUTPP Output Peak-to-Peak Voltage
200
200
mV
VIH
Input HIGH Voltage (Single Ended)
VCC–1165
VCC–880
VCC–1165
VCC–880
mV
VIL
Input LOW Voltage (Single Ended)
VCC–1810
VCC–1475
VCC–1810
VCC–1475
mV
VPP
Differential Input Voltage3
3. V
PP (DC) is the minimum differential input voltage swing required to maintain device functionality.
0.12
1.3
0.12
1.3
V
VCMR
Differential Cross Point Voltage4
4. V
CMR (DC) is the crosspoint of the differential input signal. Functional operation is obtained when the crosspoint is within the VCMR (DC) range
and the input swing lies within the VPP (DC) specification.
VEE+1.0
VCC–0.8
VEE+1.0
VCC–0.8
V
IIN
Input Current
±150
±150
µA
Table 5. AC Characteristics (VCC = 0 V; VEE = –3.8 to –2.375 or VCC = 2.375 to 3.8 V; VEE = 0 V)1
1. Measured using a 750 mV source 50% Duty Cycle clock source. All loading with 50
Ω to V
CC–2.0 V.
Symbol
Characteristic
–40
°C25°C0°C to 85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Frequency
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay (Differential)
CLK to Q, Q
170
260
300
180
270
310
210
285
360
ps
tSKEW
Within Device Skew Q, Q
Device-to-Device Skew2
2. Skew is measured between outputs under identical transitions.
9
20
130
9
20
130
9
20
150
ps
tJITTER Cycle-to-Cycle Jitter RMS (1σ)
1
1
1
ps
VPP
Input Voltage Swing (Differential)
150
1200
150
1200
150
1200
mV
VCMR
Differential Cross Point Voltage
VEE+1.2
VCC–1.1 VEE+1.2
VCC–1.1
VEE+1.2
VCC–1.1
V
tr
tf
Output Rise/Fall Times
(20% – 80%)
70
220
70
220
70
220
ps
Figure 2. VOUTPP versus Frequency
Figure 3. Typical Termination for Output Driver
and Device Evaluation
50
Driver
Device
Receiver
Device
Q
Qb
D
Db
50
VTT
VTT = VCC – 2.0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC10LVEP112.5V / 3.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L112.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR 1 2 3 4 5 MoreON Semiconductor
100LVEL113.3V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreFairchild Semiconductor
SY89311U2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
AZ10EL11ECL/PECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SY10EL115V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER 1 2 3 4 5 Micrel Semiconductor
SY10EL11V5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER 1 2 3 4 5 Micrel Semiconductor
100EL115V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 Fairchild Semiconductor
SY89835U2.5V 2GHz 3.2 Gbps Ultra-Precision Differential 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
MC10EP113.3V / 5V ECL 1:2 Differential Fanout Buffer 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl