Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658370 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1658370
Description  Cable - VS-08-CO-C46-62-10,0 SKR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1658370 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1658370 Datasheet HTML 1Page - PHOENIX CONTACT 1658370 Datasheet HTML 2Page - PHOENIX CONTACT 1658370 Datasheet HTML 3Page - PHOENIX CONTACT 1658370 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/1658370
08/24/2016   Page 1 / 4
Cable - VS-08-CO-C46-62-10,0 SKR - 1658370
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Customer-specific, assembled Ethernet cable, CAT6, shielded, 4-pair, 26 AWG stranded (7-wire), line, RAL 5021
(water blue), RJ45/IP67 to RJ45, length: 10 m
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
500.000 g
Custom tariff number
85444210
Country of origin
Germany
Technical data
Dimensions
Length of cable
10 m
Ambient conditions
Degree of protection
IP20
IP67
General data
Number of positions
8
Signal type/category
Ethernet CAT6
Characteristics head 1
Head type
Plug straight RJ45 / IP67
No. of positions (pin connector pattern)
8
Characteristics head 2


Similar Part No. - 1658370

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1658390-1 MACOM-1658390-1 Datasheet
335Kb / 4P
   SFP Solutions
logo
TE Connectivity Ltd
1658390-1 TEC-1658390-1 Datasheet
2Mb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
1658390-2 TEC-1658390-2 Datasheet
2Mb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
1658391-1 MACOM-1658391-1 Datasheet
442Kb / 3P
   CAGE AND PT CONNECTOR ASSEMBLY
1658391-1 MACOM-1658391-1 Datasheet
335Kb / 4P
   SFP Solutions
More results

Similar Description - 1658370

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1444636 PHOENIX-1444636 Datasheet
122Kb / 3P
   Cable - VS-IP67-IP20-94F-CO/4,0 SKR
12/05/2018
1402975 PHOENIX-1402975 Datasheet
45Kb / 1P
   Network cable - VS-MS-IP20-94B/ 1,8 SKR
12/03/2018
1454228 PHOENIX-1454228 Datasheet
401Kb / 12P
   VS-M12MSD/10,0-93X OD - Network cable
1652729 PHOENIX-1652729 Datasheet
118Kb / 4P
   VS-08-ST-H21-RJ45
1652606 PHOENIX-1652606 Datasheet
55Kb / 2P
   Protective covers - VS-08-SDF
1404310 PHOENIX-1404310 Datasheet
113Kb / 4P
   Network cable - VS-M12MS-IP20-94B-LI/10,0
12/03/2018
1413146 PHOENIX-1413146 Datasheet
359Kb / 9P
   VS-IP67-IP67-94C-LI/10,0 - Network cable
1658684 PHOENIX-1658684 Datasheet
99Kb / 4P
   VS-08-KU-IP67-BK
1689200 PHOENIX-1689200 Datasheet
55Kb / 2P
   Protective covers - VS-08-SD
1689268 PHOENIX-1689268 Datasheet
65Kb / 4P
   RJ45 coupling - VS-08-KU-IP67
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com