Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN026 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AN026
Description  The Charger Design with SEPIC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN026 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AN026 Datasheet HTML 1Page - Analog Intergrations Corporation AN026 Datasheet HTML 2Page - Analog Intergrations Corporation AN026 Datasheet HTML 3Page - Analog Intergrations Corporation AN026 Datasheet HTML 4Page - Analog Intergrations Corporation AN026 Datasheet HTML 5Page - Analog Intergrations Corporation AN026 Datasheet HTML 6Page - Analog Intergrations Corporation AN026 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AN026
and 47µF/50V.
B. Circuit Structure and Performance
Fig. 9 shows the complete charger circuit. During
charging, there is a voltage from the ICON pin of
AIC1781 to turns the transistor Q3 on. At this while,
RREF2 connect to ground, there is a constant current
from SEPIC and start fast charging. After fast charging,
ICON will deliver a low signal to turns Q3 OFF. At this
while, RREF2 is floating and the voltage between
RREF1 are equal to each other. Then the voltage flows
into FB pin is bigger than the internal reference
voltage 1.22V, and terminate charging. It can support
a discharge route by SW1, and selectable charge
protect functions by SW2~SW5. Fig. 10 is the
recommended layout. Fig. 11 and 12 show the current
and voltage waveforms during SEPIC turns ON and
OFF respectively.
VIN
1
VREF
2
SHDN
3
FB
4
GND
5
DLO
6
DHI
7
CL
8
AIC1628
+
C4
47
µF
+
C6
330
µF
+
C1
330
µF/25V
Rlimit
30m
Q1
CEM4410
L1
33
µH
L2
33
µH
D1
1N5820
REF1
33K
REF2
3.
3K
C2
47nF
Vin
BAT1
+
C3
1
µF
+
C5
100uF/10V
BAT1
R4
RA
430K
RB
68K
R
100K
+
C7
4.7
µF
C9
47nF
C8
0.1
µF
Q2
MPS2222A
LED1
YELLOW
R6
270
R5
200
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE
9
SEL2
10
SEL1
11
GND
12
LED1
13
LED2
14
ICON
15
DSW
16
AIC1781
R9
680
Ry
551.1K
C1
0.
1
µF
Rx1
10.1K
Q3
MMBT2222A
R15
680
R16
680
LED2
GREEN
LED3
RED
R12
100K
R14
100K
+ C1
C11
0.1
µF
R11
200K R13
50K
Battery
GND
N1Battery
N2 GND
Battery
GND
SW1
SW PB
N4
GND
SW2
SW SPDT
SW3
SW SPDT
SW4
SW SPDT
SW5
SW SPDT
VOUT
3
VIN
1
GND
2
U2
78L05
Fig. 9 The Complete Charger Circuit
(Top Layer)
(Bottom Layer)
5


Similar Part No. - AN026

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AN020 AIC-AN020 Datasheet
292Kb / 7P
   SEPIC Circuit
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
AN022 AIC-AN022 Datasheet
396Kb / 8P
   High Side Driver for Buck Converter
AN023 AIC-AN023 Datasheet
201Kb / 6P
   An Useful Model for Charge Pump Converter
AN024 AIC-AN024 Datasheet
285Kb / 7P
   For LCD Motherboard Power Supply Using AIC1563
More results

Similar Description - AN026

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_11 Datasheet
805Kb / 34P
   SEPIC Automotive LED Driver Reference Design
08/02/11
logo
Linear Technology
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT8711 LINER-LT8711 Datasheet
266Kb / 8P
   Micropower Synchronous Sepic Converter
LT3758AEMSE LINER-LT3758AEMSE Datasheet
228Kb / 6P
   High Efficiency SEPIC Converter
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
logo
Silicon Laboratories
AN611 SILABS-AN611 Datasheet
1Mb / 10P
   USING THE ISOVOLT DC/DC CONVERTER REFERENCE DESIGN
logo
Texas Instruments
TPS61130 TI1-TPS61130_15 Datasheet
1Mb / 33P
[Old version datasheet]   Synchronous SEPIC and Flyback Converter
logo
STMicroelectronics
AN557 STMICROELECTRONICS-AN557 Datasheet
1Mb / 52P
   EASY APPLICATION DESIGN WITH THE L4970A
logo
Infineon Technologies A...
EVAL_15W_5V_FLYB_P7 INFINEON-EVAL_15W_5V_FLYB_P7 Datasheet
2Mb / 16P
   15W 5V charger reference design with 700V CoolMOS P7
Rev. 1.0 2017-03-15
logo
Monolithic Power System...
MP6003 MPS-MP6003 Datasheet
820Kb / 15P
   Monolithic Flyback/SEPIC DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com