Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFLMX-200.000MHZ-5ABB Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASFLMX-200.000MHZ-5ABB
Description  Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLMX-200.000MHZ-5ABB Datasheet(HTML) 2 Page - Abracon Corporation

  ASFLMX-200.000MHZ-5ABB Datasheet HTML 1Page - Abracon Corporation ASFLMX-200.000MHZ-5ABB Datasheet HTML 2Page - Abracon Corporation ASFLMX-200.000MHZ-5ABB Datasheet HTML 3Page - Abracon Corporation ASFLMX-200.000MHZ-5ABB Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
Pb RoHS/RoHS II compliant
DESCRIPTION:
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 04.08.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
5.0 x 3.2 x 1.4mm
Recommended Land Pattern
Dimensions: mm
Ref.
Min.
Nom.
Max.
A
1.260
1.330
1.400
A1
0.190
0.230
0.270
A2
1.070
1.100
1.130
D
3.100
3.200
3.300
D1
2.100 BSC
E
4.900
5.000
5.100
E1
2.540 BSC
b
0.850
0.900
0.950
c
0.850
0.900
0.950
e
1.270 BSC
f
0.050
0.100
0.150
k
0.860
0.910
0.960
m
0.580
0.630
0.680
n
6
Dimensional
Tolerance
aaa
0.100
bbb
0.070
OUTLINE DIMENSION
ASFLMX-200.000MHz-5ABB


Similar Part No. - ASFLMX-200.000MHZ-5ABB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLMX-212.500MHZ-3ABB ABRACON-ASFLMX-212.500MHZ-3ABB Datasheet
6Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASFLMX-25.000MHZ-5ABA ABRACON-ASFLMX-25.000MHZ-5ABA Datasheet
6Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.16.15
ASFLMX-25.000MHZ-5ABH ABRACON-ASFLMX-25.000MHZ-5ABH Datasheet
6Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.15.15
More results

Similar Description - ASFLMX-200.000MHZ-5ABB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMX-156.250MHZ-3BBB ABRACON-ASVMX-156.250MHZ-3BBB Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASFLMX-212.500MHZ-3ABB ABRACON-ASFLMX-212.500MHZ-3ABB Datasheet
6Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.08.15
ASVMX-25.000MHZ-5ABB ABRACON-ASVMX-25.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
05.01.15
ASFLMX-50.000MHZ-5ABB ABRACON-ASFLMX-50.000MHZ-5ABB Datasheet
8Mb / 5P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.15.15
ASVMX-200.000MHZ-5ABB ABRACON-ASVMX-200.000MHZ-5ABB Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVDS SMD Clock Oscillator
04.22.15
ASVMX-25.000MHZ-5ABC ABRACON-ASVMX-25.000MHZ-5ABC Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVCMOS SMD Clock Oscillator
04.29.15
ASVMX-156.250MHZ-3BNR ABRACON-ASVMX-156.250MHZ-3BNR Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.27.15
ASVMX-312.500MHZ-3BBA ABRACON-ASVMX-312.500MHZ-3BBA Datasheet
5Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.22.15
ASFLMX-156.250MHZ-3BBA ABRACON-ASFLMX-156.250MHZ-3BBA Datasheet
8Mb / 5P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.15.15
ASVMX-25.000MHZ-5ABF ABRACON-ASVMX-25.000MHZ-5ABF Datasheet
3Mb / 4P
   Ultra-Low Phase Jitter LVPECL SMD Clock Oscillator
04.29.15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com