Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP512SQ25T1 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP512SQ25T1
Description  80 mA CMOS Low Iq Voltage Regulator in an SC70-5
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP512SQ25T1 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP512SQ25T1 Datasheet HTML 1Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 2Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 3Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 4Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 5Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 6Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 7Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 8Page - ON Semiconductor NCP512SQ25T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP512
http://onsemi.com
5
TYPICAL CHARACTERISTICS
4
10
1000
10000
100000
1000000
3
2
1
0
FREQUENCY (Hz)
Figure 8. Output Noise Density
5
6
7
100
Figure 9. Line Transient Response
−100
0
50
200 250
300
TIME (
ms)
0
100
200
3
4
5
6
100 150
Vin = 4.0 V
Cout = 1.0 mF
Iout = 30 mA
400 450
500
350
7
Cout = 1.0 mF
Iout = 10 mA
Figure 10. Load Transient Response
−100
0
200
300
TIME (
ms)
0
100
200
0
100
400
500
Iout = 1 mA to 60 mA
Vin = 4.0 V
Cin = 1.0 mF
Cout = 1.0 mF
−200
600
700
800
60 mA
Figure 11. Turn−on Response
0
0.5
2.0
2.5
3.0
TIME (
ms)
0
1
2
3
4
0
2
1.0
1.5
4.0
4.5
5.0
3.5
4
6
Iout = 10 mA
Vin = 4.0 V
Cin = 1.0 mF
Cout = 1.0 mF
2.5
0
1.0
2.0
3.0
4.0
5.0
6.0
2.0
1.5
0.5
0
Vin, INPUT VOLTAGE (V)
3.0
3.5
1.0
Figure 12. Output Voltage vs. Input Voltage


Similar Part No. - NCP512SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP512SQ25T1G ONSEMI-NCP512SQ25T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP512SQ25T1G ONSEMI-NCP512SQ25T1G Datasheet
142Kb / 9P
   CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
More results

Similar Description - NCP512SQ25T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP502 ONSEMI-NCP502 Datasheet
114Kb / 10P
   80 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2005 ??Rev. 9
NCP612 ONSEMI-NCP612 Datasheet
61Kb / 10P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
April, 2005 ??Rev. 0
NCP612SQ30T2G ONSEMI-NCP612SQ30T2G Datasheet
158Kb / 9P
   100 mA CMOS Low Iq Voltage Regulator in an SC70-5
May, 2013 ??Rev. 3
NCP612 ONSEMI-NCP612_07 Datasheet
78Kb / 11P
   100 mA CMOS Low Iq Voltage Regulator in an SC70??
January, 2007 ??Rev. 1
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP553SQ18T1G ONSEMI-NCP553SQ18T1G Datasheet
134Kb / 8P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
June, 2013 ??Rev. 3
NCP552 ONSEMI-NCP552 Datasheet
66Kb / 10P
   80 mA CMOS Low Iq NOCAP Voltage Regulator
September, 2004 ??Rev. 5
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563_12 Datasheet
151Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2009 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com