Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0428S-151 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0428S-151
Description  SMD SHIELDED POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0428S-151 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0428S-151 Datasheet HTML 1Page - Abracon Corporation ASPI-0428S-151 Datasheet HTML 2Page - Abracon Corporation ASPI-0428S-151 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
||||||||||| | | | |
ASPI-0428S
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ELECTRICAL SPECIFICATIONS:
PARAMETERS
ABRACON P/N: ASPI-0428S-XXX
Operating temperature: -40ºC to +85ºC
Storage temperature: -40ºC to +85ºC
SMD SHIELDED POWER INDUCTORS
• Superior to be high saturation for surface mounting
• Very thin & compact
• With large permissible DC current & low DC resistance
• Magnetic shielding surface mount inductor with high rating
• PDA's flash memory
• Step-up, step-down converters
• Communications
• Hard disk, notebook computer
Test Frequency is 100KHz. DCR & IDC listed are all Max. value. Tolerance: M=±20%, M tolerance is standard
Note:
T
Tape & Reel
Inductance Code
Packagin g
ASPI - 0428S -
M -
Please refer to the
Table
OPTIONS AND PART IDENTIFICATION
Inductance
Tol.
(µH)
(
)
1.2
M
1.8
M
2.2
M
2.7
M
3.3
M
3.9
M
4.7
M
5.6
M
6.8
M
8.2
M
10
M
12
M
15
M
18
M
22
M
27
M
33
M
39
M
47
M
56
M
68
M
82
M
100
M
120
M
150
M
180
M
ASPI-0428S-181
1.5400
0.22
ASPI-0428S-121
1.2700
0.27
1.3500
0.24
0.9148
0.32
1.0200
0.29
0.48
ASPI-0428S-390
0.3837
0.50
2.04
0.0720
1.32
0.0236
0.0313
0.0492
1.57
ASPI-0428S-820
Part#
ASPI-0428S-1 R2
ASPI-0428S-2R2
ASPI-0428S-150
ASPI-0428S-3R3
ASPI-0428S-470
0.2350
0.70
0.3780
ASPI-0428S-5R6
0.1009
ASPI-0428S-10 0
0.1283
1.00
0.1089
1.17
RDC max .
IDC max.
(Ω)
(A)
2.56
ASPI-0428S-4R7
ASPI-0428S-6R8
ASPI-0428S-180
0.1660
1.12
0.1490
0.76
ASPI-0428S-220
ASPI-0428S-1R 8
0.0275
2.20
ASPI-0428S-680
ASPI-0428S-101
ASPI-0428S-151
0.6990
0.35
ASPI-0428S-2 R7
0.0433
1.60
ASPI-0428S-3 R9
0.0648
1.44
ASPI-0428S-8R2
0.1175
1.04
ASPI-0428S-120
0.1316
0.84
ASPI-0428S-560
0.6245
0.41
0.72
ASPI-0428S-270
0.2610
0.58
ASPI-0428S-33 0
0.56
0.5870
ASPI-0428S
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 01.11.11
Visit
www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASPI-0428S-151

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0428S-151 ABRACON-ASPI-0428S-151 Datasheet
161Kb / 1P
   SMD SHIELDED POWER INDUCTORS
More results

Similar Description - ASPI-0428S-151

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com