Electronic Components Datasheet Search |
|
C3225F680J250SB Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
|
C3225F680J250SB Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. |
3 / 11 page Page:P11-P3 HOTTECH CHIP CERAMIC CAPACITORS GUANGDONG HOTTECH INDUSTRIAL CO,. LTD. 4. DIELECTRIC CHARACTERISTIC INTRODUCTION AND TEST METHOD ITEM STANDARD TEST METHOD Capacitance 0.5PF-47uF COG: C≤1000PF :1MHz±10% 1.0±0.2Vrms C>1000PF:1KHz±10% 1.0±0.2Vrms X7R/X5R: 1KHz±10% 1.0±0.2Vrms Y5V/Z5U: 1KHz±10% 1.0±0.2Vrms ≤10uF 120Hz 0.5±0.2Vrms >10uF Tolerance B=±0.1PF C=±0.25PF D=±0.5.PF F=±1% G=±2% J=±5% K=±10% M=±20% Rated Voltage 16、25、50、100、200、500、1000、2000 V(DC) Dissipation Factor COG/NPO DF≤0.15% X7R/X5R DF ≤ 2.5%( ≥ 50V) , ≤ 3.0%(25V) , ≤ 3.5%(16V) Y5V/Z5U DF ≤ 7%(C ≥ 100nF) . ≤ 3.5%(C<100nF) Insulation Resistance (IR) COG/NPO C≤10NF IR>50000MΩ; C>10NF IR>5000ΩF Test voltage: rated Time: 1 minute Temperature: 18-25℃ Humidity: <80% X7R/X5R C≤25NF IR>10000MΩ; C>25NF RXC>100ΩF Y5V/Z5U C≤25NF IR>4000MΩ; C>25NF RXC>100ΩF Dielectric withstanding voltage No damage after test Apply 2.5x rated voltage to both terminations for 5 seconds, charge and discharge current are less than 50mA. (This test doesn’t apply to high-voltage MLCC) Termination Adhesion No damage after test Test Condition: 5N 10±1S Bending Strength No damage after test and capacitance tolerance shall not be more than 10% After soldering capacitor on the PCB, 1mm per 1 second of bending for this PCB shall be applied. Solderability Temperature 235±5℃ Completely immerse the capacitor in the molthen rosin for 2s and then put it in the 10mm molthen solder with a temperature of 235±5℃(265±5℃) for 2(5)s. after that pick it up, clean the solvent and inspect it under 10x or more microscope. Time 1±1S Cover ≥95 Resistance to soldering Heat Tempertaure 265±5℃ Time 1±1S Cover ≥95 △C/C ≤0.5% or 0.5PF Temperature Cycling Dielectric COG/NPO X7R/X5R Y5V/Z5U Temperature: -55 ± 3 ℃ ~125 ± 3 ℃ COG/X7R -25±3℃ ~85±3℃ Y5V -10±3℃ ~85±3℃ Z5U Cycle times: 5 times per 30s Resume time: 24h △C/C ≤1% ≤±10% ≤±30% No damage after test |
Similar Part No. - C3225F680J250SB |
|
Similar Description - C3225F680J250SB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |