Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1203903 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1203903
Description  ASD ACCU 4,0AH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1203903 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1203903 Datasheet HTML 1Page - PHOENIX CONTACT 1203903 Datasheet HTML 2Page - PHOENIX CONTACT 1203903 Datasheet HTML 3Page - PHOENIX CONTACT 1203903 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASD ACCU 4,0AH Order No.: 1203903
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1203903
PHOENIX CONTACT GmbH & Co. KG
Page 3 / 4
http://www.phoenixcontact.de
Mar 17, 2008
 
Interchangeable battery, rapid charging
 
Commercial data
EAN
4017918018634
Pack
1 Pcs.
Customs tariff
85073020
Weight/Piece
0.425 KG
Catalog page information
Page 479 (CL-2005)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Length
155 mm
Color
black
Battery-operated voltage
2.4 V
Number of screw connections (M5 x 10)
730
Battery charging
4 h
Weight
390 g


Similar Part No. - 1203903

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1203929 PHOENIX-1203929 Datasheet
34Kb / 2P
   ASD NORMAL CHARGER
1203945 PHOENIX-1203945 Datasheet
48Kb / 2P
   Screw insert - ASD BIT KS1X50
1203958 PHOENIX-1203958 Datasheet
47Kb / 2P
   Screw insert - ASD BIT KS2X50
1203961 PHOENIX-1203961 Datasheet
48Kb / 2P
   Screw insert - ASD BIT 0,5X3,0X 50
1203974 PHOENIX-1203974 Datasheet
46Kb / 2P
   Screw insert - ASD BIT 0,6X3,5X 50
More results

Similar Description - 1203903

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1203893 PHOENIX-1203893 Datasheet
46Kb / 2P
   Battery - ASD ACCU 1,4AH
logo
List of Unclassifed Man...
18811 ETC2-18811 Datasheet
29Kb / 1P
   Accu-Tek Pattern 72 Tweezer
logo
PHOENIX CONTACT
1203929 PHOENIX-1203929 Datasheet
34Kb / 2P
   ASD NORMAL CHARGER
logo
AVX Corporation
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
PHOENIX CONTACT
1205480 PHOENIX-1205480 Datasheet
86Kb / 3P
   ASD 6 SET 120V
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
logo
PHOENIX CONTACT
1212518 PHOENIX-1212518 Datasheet
54Kb / 3P
   Battery - CF CRIMPHANDY/ACCU
12/24/2021
logo
AVX Corporation
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
logo
Astrodyne Corporation
ASD100W ASTRODYNE-ASD100W Datasheet
1Mb / 4P
   100 WATT ASD SINGLE SERIES
logo
PHOENIX CONTACT
1203945 PHOENIX-1203945 Datasheet
48Kb / 2P
   Screw insert - ASD BIT KS1X50
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com