Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJ78M12-TO251-3L Datasheet(PDF) 1 Page - ZP Semiconductor

Part # CJ78M12-TO251-3L
Description  TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

CJ78M12-TO251-3L Datasheet(HTML) 1 Page - ZP Semiconductor

  CJ78M12-TO251-3L Datasheet HTML 1Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 2 3
2
Co
0.1μF
TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M12 Three-terminal positive voltage regulator
FEATURES
Maximum Output current IOM: 0.5 A
Output voltage VO: 12V
Continuous total dissipation
PD:
1.25 W (Ta= 25
℃)
15 W (Tc= 25
℃)
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unit
Input Voltage
Vi
35
V
Operating Junction Temperature Range
TOPR
0-+125
Storage Temperature Range
TSTG
-65-+150
ELECTRICAL CHARACTERISTICS (Vi=19V,Io=350mA, Ci=0.33μF,Co=0.1μF, unless otherwise specified )
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
25
11.5
12
12.5
V
Output Voltage
Vo
14.5≤Vi≤27V, Io=5mA-350mA
Po≤ 1.25W
0-125
11.4
12
12.6
V
Io=5mA-500mA
25
25
240
mV
Load Regulation
ΔVo
Io=5mA-200mA
25
10
120
mV
14.5V≤Vi≤30V, Io=200mA
25
10
100
mV
Line Regulation
ΔVo
16V≤Vi≤30V, Io=200mA
25
3
50
mV
Quiescent Current
Iq
25
4.6
6
mA
ΔIq
14.5V≤Vi≤30V, Io=200mA
0-125
0.8
mA
Quiescent Current Change
ΔIq
5mA≤IO≤350mA
0-125
0.5
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
25
75
μV
Ripple Rejection
RR
15≤Vi≤25V,f=120Hz,Io=300mA
0-125
55
80
dB
Dropout Voltage
Vd
Io=350mA
25
2
V
Short Circuit Current
Isc
Vi=19V
25
240
mA
Peak Current
Ipk
25
0.7
A
TYPICAL APPLICATION
Vi
1
3
Vo
UTC
Ci
0.33μF
TO-251-3L
TO-252-2L
1.IN
2.GND
3.OUT
CJ78M12
0.5A
1 of 1
sales@zpsemi.com
www.zpsemi.com
CJ78M12


Similar Part No. - CJ78M12-TO251-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78M12-TO220-3L ZPSEMI-CJ78M12-TO220-3L Datasheet
773Kb / 1P
   TO-220-3L Plastic-Encapsulate Regulators
More results

Similar Description - CJ78M12-TO251-3L

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJ78M08-TO251-3L ZPSEMI-CJ78M08-TO251-3L Datasheet
613Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M06-TO251-3L ZPSEMI-CJ78M06-TO251-3L Datasheet
651Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ7805-TO2513L ZPSEMI-CJ7805-TO2513L Datasheet
1Mb / 2P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7806-TO251-3L ZPSEMI-CJ7806-TO251-3L Datasheet
474Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
CJ7809-TO251-3L ZPSEMI-CJ7809-TO251-3L Datasheet
703Kb / 1P
   TO-251-3L/TO-252-2L Plastic-Encapsulate Voltage Regulators
logo
Nanjing International G...
78M12 DGNJDZ-78M12 Datasheet
299Kb / 1P
   T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
ZP Semiconductor
CJ78M05H ZPSEMI-CJ78M05H Datasheet
393Kb / 1P
   T O - 251-3L/TO-252-2L Plastic-Encapsulate Regulators
CJ78M05-TO251-3L ZPSEMI-CJ78M05-TO251-3L Datasheet
372Kb / 1P
   T O -251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
Nanjing International G...
78M05.TO-252 DGNJDZ-78M05.TO-252 Datasheet
616Kb / 2P
   T O-251-3L/TO-252-2L Plastic-Encapsulate Regulators
logo
ZP Semiconductor
CJ78M15 ZPSEMI-CJ78M15 Datasheet
1Mb / 2P
   TO-251/TO-252-2L Plastic-Encapsulate Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com