Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3233MNTXG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP3233MNTXG
Description  High Current Synchronous Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3233MNTXG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP3233MNTXG Datasheet HTML 6Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 7Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 8Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 9Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 10Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 11Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 12Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 13Page - ON Semiconductor NCP3233MNTXG Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP3233
www.onsemi.com
10
ELECTRICAL CHARACTERISTICS (−40
°C < TJ < +125°C, VIN = VCC = 12 V, for min/max values unless otherwise noted, TJ =
+25
°C for typical values)
Parameter
Unit
Max
Typ
Min
Test Conditions
Symbol
CURRENT LIMIT
LS OCP Blanking time
LS_Tblnk
150
ns
PWM
Maximum duty cycle
fsw = 500 kHz, VFB = 0 V, VIN = 5 V
fsw = 500 kHz, VFB = 0 V, VIN = 12 V
fsw = 500 kHz, VFB = 0 V, VIN = 21 V
Guaranteed by characterization
88
86
67
92
88
85
%
Minimum duty cycle
VCOMP < PWM Ramp Offset Voltage
0
%
Minimum GH on−time
Guaranteed by characterization
50
65
ns
PWM Ramp Amplitude
Feedforward Ramp VINx = 0 V
VIN / 5.4
V
Feedforward Ramp VINx = 3.3 V
VIN / 1.4
PWM Ramp Offset
0.63
V
OSCILLATOR
Oscillator Frequency Range
fsw
fsw = 500 kHz, 3 V < VCC < 21 V
450
500
550
kHz
Hiccup Time Duration
thiccup
fsw = 500 kHz, tSS > 1 ms
fsw = 500 kHz, tSS < 1 ms
4*tss
4
ms
ENABLE INPUT (EN)
EN Input Operating Range
5.5
V
Enable Threshold Voltage
VEN rising
1.13
1.2
1.27
V
Enable Hysteresis
VEN falling
Guaranteed by characterization
60
140
210
mV
Deep Disable Threshold
0.8
1.1
V
Enable Pull−up Current
2
mA
SOFTSTART INPUT (SS)
SS Start Delay
tSSD
2.3
2.6
3.0
ms
SS End Threshold
SSEND
0.6
V
SS Source Current
ISS
2.15
2.5
2.8
mA
VOLTAGE MONITOR
Power Good Sink Current
PG = 0.15 V
9
12
17
mA
Output Overvoltage Rising
725
750
775
mV
Overvoltage Fault Blanking Time
5
ms
Output Under−Voltage Trip
Threshold
500
525
550
mV
Under−voltage Protection Blanking
Time
20
ms
UVP Enable Delay
tSS
s
POWER STAGE
High−side on Resistance
RDSONH
−40
°C < TJ < +125°C
2.8
4.8
6.7
m
W
Low−side on Resistance
RDSONL
−40
°C < TJ < +125°C
VGS = 5.2 V, ID = 20 A
0.9
2.0
3.9
m
W
VFBOOT
IBOOT = 2 mA
0.2
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP3233MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3233MNTXG ONSEMI-NCP3233MNTXG Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
More results

Similar Description - NCP3233MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
   High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
   High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
   Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
   High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
   High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
   High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
logo
Texas Instruments
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
logo
Linear Technology
LTC3861EUHE LINER-LTC3861EUHE Datasheet
603Kb / 12P
   High Current, Dual Output Synchronous Buck Converter
LTC3838EUHF-1 LINER-LTC3838EUHF-1 Datasheet
2Mb / 12P
   High Current, Dual Output Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com