Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4208MNR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP4208MNR2G
Description  Digital Programmable 8-Phase Synchronous Buck Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208MNR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP4208MNR2G Datasheet HTML 1Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 2Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 3Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 4Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 5Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 6Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 7Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 8Page - ON Semiconductor NCP4208MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
NCP4208
http://onsemi.com
5
PIN ASSIGNMENT
Pin No.
Mnemonic
Description
1
VCC3
3.3 V Power Supply Output. A capacitor from this pin to ground provided decoupling for the
interval 3.3 V LDO.
2
PWRGD
Power−Good Output: Open−drain output that signals when the output voltage is outside of the
proper operating range.
3
ALERT
ALERT Output: Open drain output that asserts low when the VR exceeds a programmable limit.
Can be configured for Comparator Mode or Interrupt Mode.
4
SDA
Digital Input / Output. I2C serial data bidirectional pin. Requires pullup.
5
SCL
Digital Input. I2C serial bus clock open drain input. Requires pullup.
6
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the
PWRGD output low.
7
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this
ground.
8 to 9
NC
No Connect
10
IMON
Total Current Output Pin.
11
IREF
Current Reference Input. An external resistor from this pin to ground sets the reference current for
IFB, and IILIMFS.
12
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND
sets the oscillator frequency of the device.
13
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets
the internal PWM ramp.
14
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output
voltage.
15
COMP
Error Amplifier Output and Compensation Point.
16
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external
resistor between this pin and the output voltage sets the no load offset point.
17
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the
current sense amplifier and the power−good and crowbar functions. This pin should be
connected to the common point of the output inductors.
18
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the
average inductor currents together to measure the total output current.
19
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM
determines the gain of the current sense amplifier and the positioning loop response time.
20
ILIMFS
Current Sense and Limit Scaling Pin. An external resistor from this pin to CSCOMP sets the
internal current sensing signal for current limit and IMON. This value can be overwritten using
the I2C interface.
21
ODN
Output Disable Logic Output for PSI operation. This pin is actively pulled low when PSI is low,
otherwise it functions in the same way as OD1.
22
OD1
Output Disable Logic Output. This pin is actively pulled low when the EN input is low or when
VCC is below its UVLO threshold to signal to the Driver IC that the driver high−side and
low−side outputs should go low.
23 to 30
SW8 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of
unused phases should be left open.
31 to 38
PWM8 to PWM1
Logic−Level PWM Outputs. Each output is connected to the input of an external MOSFET driver
such as the ADP3121. Connecting the PWM8, PWM7, PWM6, PWM5, PWM4, PWM3 and
PWM2 outputs to VCC causes that phase to turn off, allowing the NCP4208 to operate as a
1−, 2−, 3−, 4−, 5−, 6−, 7−, or 8−phase controller.
39
VCC
Supply Voltage for the Device. A 340 W resistor should be placed between the 12 V system
supply and the VCC pin. The internal shunt regulator maintains VCC = 5.0 V.
40 to 47
VID7 to VID0
Voltage Identification DAC Inputs. These eight pins are pulled down to GND, providing a logic
zero if left open. When in normal operation mode, the DAC output programs the FB regulation
voltage from 0.375 V to 1.6 V.
48
PSI
Power State Indicator. Pulling this pin low places the controller in lower power state operation.


Similar Part No. - NCP4208MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4208MNR2G ONSEMI-NCP4208MNR2G Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
More results

Similar Description - NCP4208MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
   VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
International Rectifier
CHL8318-20 IRF-CHL8318-20 Datasheet
286Kb / 2P
   Digital Multi-Phase Buck Controller Programmable 1-phase to 8-phase operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com