Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1005-270 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1005-270
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1005-270 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1005-270 Datasheet HTML 1Page - Abracon Corporation ASPI-1005-270 Datasheet HTML 2Page - Abracon Corporation ASPI-1005-270 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-1005
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 02.22.12
Visit
www.abracon.comfor Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
10.0 x 9.0 x 5.4mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
SMD Power Inductor
Abracon P/N:
ASPI-1005 Series
Operating Temperature:
Storage Temperature:
PART NUMBER
INDUCTANCE (uH)
Tolerance
DCR(Ω) max
IDC (A) max
Inductance Code
ASPI-1005-100
10
M
0.06
2.60
100
ASPI-1005-120
12
M
0.07
2.45
120
ASPI-1005-150
15
M
0.08
2.27
150
ASPI-1005-180
18
M
0.09
2.15
180
ASPI-1005-220
22
M
0.10
1.95
220
ASPI-1005-270
27
M
0.11
1.76
270
ASPI-1005-330
33
K, M
0.12
1.50
330
ASPI-1005-390
39
M
0.14
1.37
390
ASPI-1005-470
47
M
0.17
1.28
470
ASPI-1005-560
56
M
0.19
1.17
560
ASPI-1005-680
68
M
0.22
1.11
680
ASPI-1005-820
82
M
0.25
1.00
820
ASPI-1005-101
100
K
0.35
0.97
101
ASPI-1005-121
120
K
0.40
0.89
121
ASPI-1005-151
150
K
0.47
0.78
151
ASPI-1005-181
180
K
0.63
0.72
181
ASPI-1005-221
220
K
0.73
0.66
221
ASPI-1005-271
270
K
0.97
0.57
271
ASPI-1005-331
330
K
1.15
0.52
331
ASPI-1005-391
390
K
1.30
0.48
391
ASPI-1005-471
470
K
1.48
0.42
471
ASPI-1005-561
560
K
1.90
0.33
561
ASPI-1005-681
680
K
2.25
0.28
681
ASPI-1005-821
820
K
2.55
0.24
821
ASPI-1005-102
1000
K
2.75
0.22
102
Test Conditions
Inductance: 2.52MHz for 10µH ~ 82µH; 1kHz for 100µH ~ 1000µH
Isat: ∆L/L (initial) ≥ -10% or ΔT=40°C (Ta=20°C), whichever is lower.
-40˚C to +85˚C
+5˚C to +40˚C
ASPI-1005-
-
Inductance Code
Please refer to the table above
Tolerance %
M: ± 20%
K: ± 10%
Packaging
T: Tape and Reel (500pcs / reel)
• Suitable for RoHS reflow profile
• High current rating and low DCR
• Special lead wire design to prevent open circuit failure
• Excellent terminal strength to mechanical stress
• OA equipments
• PC and notebook
• LCD TV set
• Power supply


Similar Part No. - ASPI-1005-270

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1004 ABRACON-ASPI-1004 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-100 ABRACON-ASPI-1004-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-101 ABRACON-ASPI-1004-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-120 ABRACON-ASPI-1004-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
ASPI-1004-121 ABRACON-ASPI-1004-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.13.12
More results

Similar Description - ASPI-1005-270

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com