Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1040HI-100 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASPI-1040HI-100
Description  Molding Type Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1040HI-100 Datasheet(HTML) 4 Page - Abracon Corporation

  ASPI-1040HI-100 Datasheet HTML 1Page - Abracon Corporation ASPI-1040HI-100 Datasheet HTML 2Page - Abracon Corporation ASPI-1040HI-100 Datasheet HTML 3Page - Abracon Corporation ASPI-1040HI-100 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Molding Type Power Inductor
|| | | | | | | | | | | | | |
ASPI-1040HI
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
11.15 x 10.0 x 4.0 mm
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.19.11
Visit www.abracon.com for Terms & Conditions of Sale
TAPE & REEL:
Dimension: mm
REFLOW PROFILE:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
T05: 500pcs / reel
A0
10.5
B0
11.5
K0
4.2
P
16.0
t
0.5
W
24
E
1.75
F
11.5
D
1.5


Similar Part No. - ASPI-1040HI-100

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-104S ABRACON-ASPI-104S Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
ASPI-104S-100 ABRACON-ASPI-104S-100 Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
ASPI-104S-101 ABRACON-ASPI-104S-101 Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
ASPI-104S-150 ABRACON-ASPI-104S-150 Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
ASPI-104S-151 ABRACON-ASPI-104S-151 Datasheet
112Kb / 1P
   LOW PROFILE SHIELDED SMD POWER INDUCTORS
More results

Similar Description - ASPI-1040HI-100

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0530HI ABRACON-ASPI-0530HI Datasheet
1Mb / 3P
   Molding Type Power Inductor
11.17.11
ASPI-0630HI ABRACON-ASPI-0630HI Datasheet
2Mb / 5P
   Molding Type Power Inductor
11.17.11
ASPI-0530LR ABRACON-ASPI-0530LR Datasheet
1Mb / 4P
   Molding Type Power Inductor
11.13.11
ASPI-0520LR ABRACON-ASPI-0520LR Datasheet
1Mb / 4P
   Molding Type Power Inductor
11.15.11
logo
Shenzhen Codaca Electro...
CSEB1510 CODACA-CSEB1510 Datasheet
1Mb / 10P
   Molding Power Inductor
07/14/2020
CSEB1030 CODACA-CSEB1030 Datasheet
845Kb / 7P
   Molding Power Inductor
07/14/2020
CSEB1060 CODACA-CSEB1060 Datasheet
907Kb / 7P
   Molding Power Inductor
07/14/2020
CSEB1508 CODACA-CSEB1508 Datasheet
970Kb / 10P
   Molding Power Inductor
07/14/2020
CSEB1090 CODACA-CSEB1090 Datasheet
1Mb / 10P
   Molding Power Inductor
07/14/2020
CSEB0880 CODACA-CSEB0880 Datasheet
977Kb / 10P
   Molding Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com