Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5504DTRKG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP5504DTRKG
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504DTRKG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP5504DTRKG Datasheet HTML 1Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 2Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 3Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 4Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 5Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 6Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 7Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 8Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Adjust for Vout2
This pin is connected to the resistor divider on the output. For a 1.25 V output, connect directly
to the Vout2 pin.
2
Vout2
Adjustable Regulated Output Voltage.
3
GND
Power Supply Ground
4
Vin
Positive Power Supply Input Voltage.
5
Vout1
Fixed Regulated Output Voltage. See selector guide for options.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
18
V
Operating Input Voltage for Power Considerations
Vin
9.0
V
Output Pin Voltage
Vout
−0.3 to Vin +0.3
V
Adjust Pin Voltage
Vadj
−0.3 to Vin +0.3
V
Maximum Junction Temperature
NCP5504
NCV5504
TJ
125
150
C
Operating Ambient Temperature
NCP5504
NCV5504
TA
−25C to +85C
−40C to +125C
C
Package Thermal Resistance
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
RqJC
100
8
C/W
Storage Temperature Range
Tstg
−55 to +150
C
Electrostatic Discharge Sensitivity
Human Body Model (HBM)
Machine Model (MM)
Charge Device Model (CDM)
ESD
2000
200
2000
V
Latchup Performance (JESD78)
Positive
Negative
ILatchup
100
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
More results

Similar Description - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com