Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5504DTRKG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5504DTRKG
Description  250 mA Dual Output Low Dropout Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5504DTRKG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5504DTRKG Datasheet HTML 1Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 2Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 3Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 4Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 5Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 6Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 7Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 8Page - ON Semiconductor NCP5504DTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP5504, NCV5504
http://onsemi.com
4
Figure 1. Application Schematic, Fixed Output
Version. Vout1 = 3.3 V, Vout2 = 1.25 V
Figure 2. Application Schematic, Adjustable
Version. Vout1 = 3.3 V, Vout2 = 1.25 V to 5.0 V, Where
Vout2 = 1.25 V * (1+R2/R1)
NOTE: Please note that in order to maintain high accuracy on the adjustable output (Vout2), use R1 values < 30 kW in the
resistor divider. The recommended capacitor type and values are as follows:
Cin (Tantalum or Aluminum Electrolytic) = 4.7 mF to 100 mF
Cout1, Cout2 = Low ESR, 1.0 mF to 22 mF
Cn = 200 pF to 1.0 nF.
Adj Vout2
Vout1
Vin
GND
1
2
345
Vout1
Vout2
Vin
Cout1
Cin
Cout2
Adj Vout2
Vout1
Vin
GND
1
2
345
Vout1
Vout2
Vin
Cout1
Cin
Cout2
Cn
GND
R2
R1
GND
NCP5504/
NCP5504/
NCV5504
NCV5504


Similar Part No. - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504DTRKG ONSEMI-NCP5504DTRKG Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
More results

Similar Description - NCP5504DTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com