Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1367 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-1367
Description  SHIELDED SMD CHIP POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1367 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-1367 Datasheet HTML 1Page - Abracon Corporation ASPI-1367 Datasheet HTML 2Page - Abracon Corporation ASPI-1367 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.04.12
Visit www.abracon.com for Terms & Conditions of Sale
SHIELDED SMD CHIP POWER INDUCTOR
ASPI-1367
14.0 x 12.9 x 6.7mm
REFLOW PROFILE:
Storage Conditions and Handling
(1) Temperature and humidity conditions : less than 40oC and 70% RH.
(2) Products should be used within 6 months.
(3) The packaging material should be kept where no chlorine or sulfur exists in the air.
(4) Do not touch the electrodes (soldering terminals) with fingers as this may lead to deterioration of solder
ability
(5) The use of tweezers or vacuum pick-ups is strongly recommended for individual components.
(6) Bulk handling should ensure that abrasion and mechanical shock are minimized.
Profile Feature
Assembly
Average Ramp-Up Rate
(Ts max to Tp)
3°C /second max.
Preheat
-Temperature Min (Ts min)
-Temperature Max (Ts max)
-Time (ts min to ts max)
150°C
200°C
60-180 seconds
Time maintained above:
-Temperature (TL)
-Time (tL)
217°C
60-150 seconds
Peak/Classification Temperature (Tp)
245 +0°C
Time within 5°C of actual Peak
Temperature (tp)
20-40 seconds
Ramp-Down Rate
6°C/seconds max
Time 25°C to Peak Temperature
8 minutes max.
TAPE & REEL:
T= tape and reel (250pcs/reel)
A
B
C
D
330
100
13.5
24
A0
B0
K0
13.2
13.9
7.0
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.


Similar Part No. - ASPI-1367

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1367-100 ABRACON-ASPI-1367-100 Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R0 ABRACON-ASPI-1367-1R0 Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R2 ABRACON-ASPI-1367-1R2 Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R5 ABRACON-ASPI-1367-1R5 Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R8 ABRACON-ASPI-1367-1R8 Datasheet
79Kb / 1P
   HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-1367

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
   SMD Shielded Power Chip Inductor
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
   SMD SHIELDED POWER CHIP INDUCTOR
PCIA49 ALLIED-PCIA49 Datasheet
522Kb / 1P
   SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com