Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-3012S-6R8 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-3012S-6R8
Description  SMD SHIELDED POWER INDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-3012S-6R8 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-3012S-6R8 Datasheet HTML 1Page - Abracon Corporation ASPI-3012S-6R8 Datasheet HTML 2Page - Abracon Corporation ASPI-3012S-6R8 Datasheet HTML 3Page - Abracon Corporation ASPI-3012S-6R8 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASPI-3012S
OUTLINE DIMENSIONS:
SMD SHIELDED POWER INDUCTOR
3.0 x 3.0 x 1.2mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 08.14.13
Visit
www.abracon.com for Terms & Conditions of Sale
RoHS/RoHS II Compliant
Recommended Land Pattern
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
3.0±0.2
3.0±0.2
1.2Max.
2.5±0.2
0.75±0.2
1.5±0.2
1.5Typ.
0.8Typ.
2.7Typ
Dimensions: mm
Materials
No
Components
Material
1
Ferrite Core
Ni-Zn Ferrite
2
Wire
Polyurethane System enameled copper
wire
3
Magnetic Glue
Epoxy resin and magnetic powder
4
Plating Electrodes
Plating: Ag/Ni/Sn
5
Outer Electrodes
Top surface solder coating:
Sn96.5%/Ag3%/Cu0.5%
Δ
Preheat condition: 150 ~200oC/60~120sec.
Δ Allowed time above 217C: 60~90sec.
Δ Max temp: 260oC
Δ Max time at max temp: 5sec.
Δ Solder paste: Sn/3.0Ag/0.5Cu
Δ Allowed Reflow time: 2x max
REFLOW PROFILE:


Similar Part No. - ASPI-3012S-6R8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0302 ABRACON-ASPI-0302 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-100 ABRACON-ASPI-0302-100 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-101 ABRACON-ASPI-0302-101 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-120 ABRACON-ASPI-0302-120 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
ASPI-0302-121 ABRACON-ASPI-0302-121 Datasheet
2Mb / 3P
   SMD Power Inductor
03.08.12
More results

Similar Description - ASPI-3012S-6R8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com