Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP81255 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP81255
Description  Single?륯hase Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81255 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP81255 Datasheet HTML 6Page - ON Semiconductor NCP81255 Datasheet HTML 7Page - ON Semiconductor NCP81255 Datasheet HTML 8Page - ON Semiconductor NCP81255 Datasheet HTML 9Page - ON Semiconductor NCP81255 Datasheet HTML 10Page - ON Semiconductor NCP81255 Datasheet HTML 11Page - ON Semiconductor NCP81255 Datasheet HTML 12Page - ON Semiconductor NCP81255 Datasheet HTML 13Page - ON Semiconductor NCP81255 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NCP81255
www.onsemi.com
10
Table 4. STATE TRUTH TABLE
State
VR_RDY Pin
Error AMP
Comp Pin
OVP & UVP
Method
of Reset
POR
0 < VCC < UVLO
N/A
N/A
N/A
Disabled
EN < Threshold
UVLO > Threshold
Low
Low
Disabled
Start-Up Delay & Calibration
EN > Threshold
UVLO > Threshold
Low
Low
Disabled
Soft Start
EN > Threshold
UVLO > Threshold
Low
Operational
Active/No Latch
Normal Operation
EN > Threshold
UVLO > Threshold
High
Operational
Active/Latching
N/A
Over Voltage
Low
N/A
DAC + 150 mV
Over Current
Low
Operational
Last DAC Code
Vout = 0 V
Low: if Reg34h: bit 0 = 0;
High: if Reg34h: bit 0 = 1;
Clamped at 0.9 V
Disabled


Similar Part No. - NCP81255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81255

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81233 ONSEMI-NCP81233 Datasheet
320Kb / 44P
   Multi?륯hase Controller
March, 2017 ??Rev. P1
LA6583MC ONSEMI-LA6583MC Datasheet
188Kb / 8P
   Fan Motor Driver, BTL Driver Single?륯hase Full?륹ave
February, 2018 ??Rev. 1
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP3284 ONSEMI-NCP3284 Datasheet
383Kb / 13P
   Single-Phase Voltage Regulator
February, 2021 ??Rev. 7
NCP81242 ONSEMI-NCP81242 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
LB1863M ONSEMI-LB1863M_18 Datasheet
234Kb / 9P
   Two?륯hase Brushless Motor Driver
February, 2018 ??Rev. 2
logo
International Rectifier
IR3897M IRF-IR3897M_15 Datasheet
2Mb / 47P
   Single?륤nput Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
   Single-Input Voltage, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com