Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-4030S-330 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-4030S-330
Description  Wire Wound Magnetically Shielded SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-4030S-330 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-4030S-330 Datasheet HTML 1Page - Abracon Corporation ASPI-4030S-330 Datasheet HTML 2Page - Abracon Corporation ASPI-4030S-330 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-4030S
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 |www.abracon.com
Revised: 03.09.13
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
FEATURES:
APPLICATIONS:
• Shielded magnetics, low radiation
• Large Terminal surface for good PCB bonding
• Low DCR, High Energy storage, suitable for large currents
• Ideal for a variety of DC-DC converter inductor applications
• Partable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/DC converters
Abracon P/N:
ASPI-4030S Series
Operating Temperature :
-40ºC to +125ºC
Storage Temperature :
-10ºC to +40ºC and 70% R.H. max
4.0 x 4.0 x 3.0 mm
ABRACON IS
ISO9001:2008
CERTIFIED
Test Conditions:
a. Ambient Temperature: 20±15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): WK3260B LCR meter or equivalent, 100kHz, 1Vrms
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): WK3260B LCR meter or equivalent
Isat: Based on inductance change (∆L/Lo :≤-30%)
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (∆T : 40oC TYP. )
Part Number
Inductance
L Tolerance
DC Resistance
(±30%)
Saturation
Current
Temperature
Rise Current
Self resonant
frequency
Inductance
Code Marking
Units
μH
Ω
A Max
A Max
MHz Min
Symbol
L
N, M
DCR
Isat
Irms
SRF
ASPI-4030S-R91
0.91
N
0.013
6.25
4.15
100
R91
ASPI-4030S-1R0
1.0
N
0.014
5.26
4.15
70
1R0
ASPI-4030S-1R2
1.2
N
0.015
5.80
3.82
80
1R2
ASPI-4030S-1R5
1.5
N
0.020
4.84
3.34
62
1R5
ASPI-4030S-1R8
1.8
N
0.025
5.40
3.20
60
1R8
ASPI-4030S-2R2
2.2
N
0.030
4.90
2.95
52
2R2
ASPI-4030S-3R3
3.3
M
0.040
3.30
2.40
38
3R3
ASPI-4030S-4R3
4.3
M
0.055
2.95
2.10
37
4R3
ASPI-4030S-4R7
4.7
M
0.060
2.90
2.00
31
4R7
ASPI-4030S-5R6
5.6
M
0.065
2.60
1.95
30
5R6
ASPI-4030S-6R8
6.8
M
0.090
2.75
1.60
24
6R8
ASPI-4030S-7R5
7.5
M
0.085
2.20
1.65
26
7R5
ASPI-4030S-8R2
8.2
M
0.090
2.10
1.60
26
8R2
ASPI-4030S-100
10
M
0.100
1.95
1.50
21
100
ASPI-4030S-120
12
M
0.135
1.70
1.30
18
120
ASPI-4030S-150
15
M
0.190
1.65
1.11
16
150
ASPI-4030S-180
18
M
0.200
1.40
1.10
10
180
ASPI-4030S-220
22
M
0.225
1.30
1.00
10
220
ASPI-4030S-330
33
M
0.330
1.10
0.84
10
330
ASPI-4030S-360
36
M
0.335
1.05
0.83
9.8
360
ASPI-4030S-390
39
M
0.435
1.03
0.73
10
390
ASPI-4030S-470
47
M
0.445
0.95
0.72
8.4
470
ASPI-4030S-510
51
M
0.470
0.90
0.70
8.4
510
ASPI-4030S-560
56
M
0.555
0.85
0.65
8.4
560
ASPI-4030S-620
62
M
0.585
0.80
0.63
7.0
620
ASPI-4030S-680
68
M
0.868
0.72
0.52
7.0
680
ASPI-4030S-750
75
M
1.020
0.70
0.48
6.3
750
ASPI-4030S-820
82
M
1.060
0.66
0.47
5.6
820
ASPI-4030S-910
91
M
1.100
0.65
0.46
5.6
910
ASPI-4030S-101
100
M
1.150
0.60
0.45
5.6
101
ASPI-4030S-121
120
M
1.350
0.55
0.42
5.4
121
Pb RoHS/RoHS II Compliant


Similar Part No. - ASPI-4030S-330

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-4020HI ABRACON-ASPI-4020HI Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-1R0 ABRACON-ASPI-4020HI-1R0 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-1R5 ABRACON-ASPI-4020HI-1R5 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-2R2 ABRACON-ASPI-4020HI-2R2 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
ASPI-4020HI-3R3 ABRACON-ASPI-4020HI-3R3 Datasheet
1Mb / 3P
   Shielded Power Inductor
01.30.14
More results

Similar Description - ASPI-4030S-330

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
   Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
   Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
   SMD, Magnetically Shielded Power Inductor
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
   SMD Power Inductor, Magnetically shielded
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com