Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411503 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1411503
Description  Network cable - NBC-MSD/ 1,0-93K SCO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411503 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1411503 Datasheet HTML 1Page - PHOENIX CONTACT 1411503 Datasheet HTML 2Page - PHOENIX CONTACT 1411503 Datasheet HTML 3Page - PHOENIX CONTACT 1411503 Datasheet HTML 4Page - PHOENIX CONTACT 1411503 Datasheet HTML 5Page - PHOENIX CONTACT 1411503 Datasheet HTML 6Page - PHOENIX CONTACT 1411503 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/products/1411503
08/03/2016   Page 5 / 7
Network cable - NBC-MSD/ 1,0-93K SCO - 1411503
Accessories
Cutting tools
Diagonal cutter - CUTFOX-S VDE - 1212207
Diagonal cutter for copper and aluminum conductors, VDE 1000 V AC/ 1500 V DC-tested
 
 
Protective cap
Sealing cap - PROT-M12 FS-PA-CHAIN - 1430873
M12 sealing cap made of plastic with fixing band, for sensor cables, for free M12 sockets
 
 
Safety locking
Locking clip - SAC-M12-EXCLIP-M - 1558988
Locking clip for the pin side of sensor/actuator cables with M12 connector and M12 connectors for assembly, for knurl
diameter: 15 mm or for Allen key with a wrench size of 14 mm, prevents the disconnection of plug-in connections without
tools
 
 
Screwdriver tools
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 


Similar Part No. - 1411503

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411504 PHOENIX-1411504 Datasheet
51Kb / 3P
   Protective covers - HC-B 10-TMS-SD-IP66
1411506 PHOENIX-1411506 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 5,0-93K SCO
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
1411509 PHOENIX-1411509 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/R4AC SCO
More results

Similar Description - 1411503

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411529 PHOENIX-1411529 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/MSD SCO
1411509 PHOENIX-1411509 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/R4AC SCO
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1411531 PHOENIX-1411531 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 2,0-93K/MSD SCO
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/10,0-93K/MSD SCO
1411506 PHOENIX-1411506 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/ 5,0-93K SCO
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
1407524 PHOENIX-1407524 Datasheet
167Kb / 11P
   Network cable - NBC-MSD/ 1,0-93B/MSD SCO
09/11/2020
1407376 PHOENIX-1407376 Datasheet
166Kb / 11P
   Network cable - NBC-MSD/ 1,0-93E/MSD SCO
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com