Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411521 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1411521
Description  Network cable - NBC-MSD/10,0-93K/R4AC SCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411521 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1411521 Datasheet HTML 1Page - PHOENIX CONTACT 1411521 Datasheet HTML 2Page - PHOENIX CONTACT 1411521 Datasheet HTML 3Page - PHOENIX CONTACT 1411521 Datasheet HTML 4Page - PHOENIX CONTACT 1411521 Datasheet HTML 5Page - PHOENIX CONTACT 1411521 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/1411521
08/04/2016   Page 2 / 6
Network cable - NBC-MSD/10,0-93K/R4AC SCO - 1411521
Technical data
Characteristics head 1
No. of positions (pin connector pattern)
4
Coding
D (Data)
Color
black
Material (component)
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Zinc die-cast, nickel-plated (Screw connection)
Insulation resistance
≥ 100 MΩ
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm
Ambient temperature (operation)
-25 °C ... 90 °C
Characteristics head 2
Head type
Plug straight RJ45 / IP20
No. of positions (pin connector pattern)
4 (8)
Color
black
Material (component)
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
PA (Housing)
Insertion/withdrawal cycles
≥ 750
Ambient temperature (operation)
-25 °C ... 80 °C
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-101
Cable
Cable type
Sercos III
Cable type (abbreviation)
93K
UL AWM style
21694 (60°C / 600 V)
Signal type/category
Sercos III CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/7; SF/TQ
Conductor cross section
4x 0.34 mm²
AWG signal line
22
Conductor structure signal line
7x 0.25 mm
Core diameter including insulation
approx. 1.55 mm
Wire colors
White, yellow, blue, orange


Similar Part No. - 1411521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411520 PHOENIX-1411520 Datasheet
50Kb / 3P
   Protective covers - HC-B 24-TMS-SD-IP66
1411529 PHOENIX-1411529 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/MSD SCO
More results

Similar Description - 1411521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/10,0-93K/MSD SCO
1411507 PHOENIX-1411507 Datasheet
129Kb / 7P
   Network cable - NBC-MSD/10,0-93K SCO
1411518 PHOENIX-1411518 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/R4AC SCO
1411509 PHOENIX-1411509 Datasheet
123Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/R4AC SCO
1411515 PHOENIX-1411515 Datasheet
515Kb / 12P
   NBC-MSD/ 2,0-93K/R4AC SCO - Network cable
1411542 PHOENIX-1411542 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/10,0-93K/R4AC SCO
1411548 PHOENIX-1411548 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/10,0-93K/FSD SCO
1407502 PHOENIX-1407502 Datasheet
193Kb / 13P
   Network cable - NBC-MSD/10,0-93B/R4AC SCO
09/11/2020
1407363 PHOENIX-1407363 Datasheet
612Kb / 16P
   Network cable - NBC-MSD/10,0-93E/R4AC SCO
Jan 11, 2023
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com