Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1411545 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1411545
Description  Network cable - NBC-MSD/ 2,0-93K/FSD SCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1411545 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1411545 Datasheet HTML 1Page - PHOENIX CONTACT 1411545 Datasheet HTML 2Page - PHOENIX CONTACT 1411545 Datasheet HTML 3Page - PHOENIX CONTACT 1411545 Datasheet HTML 4Page - PHOENIX CONTACT 1411545 Datasheet HTML 5Page - PHOENIX CONTACT 1411545 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/us/products/1411545
08/05/2016   Page 3 / 6
Network cable - NBC-MSD/ 2,0-93K/FSD SCO - 1411545
Technical data
Cable
Conductor structure signal line
7x 0.25 mm
Core diameter including insulation
approx. 1.55 mm
Wire colors
White, yellow, blue, orange
Type of pair shielding
Aluminum-lined polyester foil
Overall twist
Star quad
Shielding
Tinned copper braided shield
External sheath, color
signal red RAL 3020
Outer sheath thickness
approx. 0.9 mm
External cable diameter D
6.5 mm ±0.2 mm
Minimum bending radius, fixed installation
3 x D
Minimum bending radius, flexible installation
7 x D
Cable weight
68 kg/km
Outer sheath, material
PVC
Material, inner sheath
PVC
Material conductor insulation
PE
Conductor material
Tin-plated Cu litz wires
Insulation resistance
≥ 0.5 GΩ*km
Conductor resistance
≤ 120 Ω/km
Wave impedance
100 Ω ±15 Ω (at 100 MHz)
Signal runtime
5.3 ns/m
Coupling resistance
≤ 20.00 mΩ/m (at 10 Hz)
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Flame resistance
According to UL 1685 (CSA FT 4)
Resistance to oil
Resistant to oil to a limited extent
Other resistance
UV resistant According to UL 1581, Section 1200
Ambient temperature (operation)
-40 °C ... 70 °C (cable, fixed installation)
-40 °C ... 70 °C (cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-50 °C ... 70 °C
Drawings


Similar Part No. - 1411545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411540 PHOENIX-1411540 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 2,0-93K/R4AC SCO
1411541 PHOENIX-1411541 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 5,0-93K/R4AC SCO
1411542 PHOENIX-1411542 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/10,0-93K/R4AC SCO
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1411547 PHOENIX-1411547 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/FSD SCO
More results

Similar Description - 1411545

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411531 PHOENIX-1411531 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 2,0-93K/MSD SCO
1411544 PHOENIX-1411544 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 1,0-93K/FSD SCO
1411547 PHOENIX-1411547 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/FSD SCO
1411540 PHOENIX-1411540 Datasheet
122Kb / 6P
   Network cable - NBC-FSD/ 2,0-93K/R4AC SCO
1411548 PHOENIX-1411548 Datasheet
125Kb / 6P
   Network cable - NBC-MSD/10,0-93K/FSD SCO
1407554 PHOENIX-1407554 Datasheet
194Kb / 13P
   Network cable - NBC-MSD/ 2,0-93B/FSD SCO
09/11/2020
1411515 PHOENIX-1411515 Datasheet
515Kb / 12P
   NBC-MSD/ 2,0-93K/R4AC SCO - Network cable
1408692 PHOENIX-1408692 Datasheet
611Kb / 17P
   NBC-MSD-FSD SCO/.../... - Network cable
1411532 PHOENIX-1411532 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/ 5,0-93K/MSD SCO
1411536 PHOENIX-1411536 Datasheet
117Kb / 6P
   Network cable - NBC-MSD/10,0-93K/MSD SCO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com