Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1413211 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1413211
Description  Power cable - SAC-4P-MST/ 1,5-PUR/FST SCO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1413211 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1413211 Datasheet HTML 1Page - PHOENIX CONTACT 1413211 Datasheet HTML 2Page - PHOENIX CONTACT 1413211 Datasheet HTML 3Page - PHOENIX CONTACT 1413211 Datasheet HTML 4Page - PHOENIX CONTACT 1413211 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/1413211
08/10/2016   Page 1 / 5
Power cable - SAC-4P-MST/ 1,5-PUR/FST SCO - 1413211
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power cable, 4-position, PUR halogen-free, black-gray RAL 7021, Plug straight M12 SPEEDCON, T-coded, on
Socket straight M12 SPEEDCON, T-coded, Cable length: 1.5 m, for direct current up to 12 A/60 V
Why buy this product
Easy and safe: 100% electrically tested plug-in components
High-performance: DC connectors for up to 12 A and 60 V DC
Protection against incorrect connection using special T-coding
Save time, thanks to installation with SPEEDCON fast locking system
Our standard: robust halogen-free PUR cable
Key Commercial Data
Packing unit
1 STK
Minimum order quantity
50 STK
Weight per Piece (excluding packing)
200.0 g
Custom tariff number
85444290
Country of origin
Germany
Technical data
Environmental Product Compliance
REACh SVHC
DOTE 15571-58-1
Dimensions
Length of cable
1.5 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)


Similar Part No. - 1413211

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413210 PHOENIX-1413210 Datasheet
106Kb / 5P
   Power cable - SAC-4P-MST/ 0,5-PUR/FST SCO
More results

Similar Description - 1413211

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1413210 PHOENIX-1413210 Datasheet
106Kb / 5P
   Power cable - SAC-4P-MST/ 0,5-PUR/FST SCO
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
   Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1411366 PHOENIX-1411366 Datasheet
95Kb / 3P
   Sensor/Actuator cable - SAC-4P-MST/20,0-PUR/FST SCO
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1415197 PHOENIX-1415197 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 2,0-PUR/FRT SCO
1415198 PHOENIX-1415198 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SCO
1415199 PHOENIX-1415199 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 10,0-PUR/FRT SCO
1415196 PHOENIX-1415196 Datasheet
103Kb / 5P
   Power cable - SAC-4P-MRT/ 1,0-PUR/FRT SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
   Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com