Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHDA31B-S05 Datasheet(PDF) 1 Page - Vitec Power

Part # SHDA31B-S05
Description  30W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA31B-S05 Datasheet(HTML) 1 Page - Vitec Power

  SHDA31B-S05 Datasheet HTML 1Page - Vitec Power SHDA31B-S05 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHDA31B SERIES
30W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz, IEC-320-C18 Inlet
Output Voltage Available From 5VDC Thru 48VDC
IEC-320-C8 Input Inlet
Single Output
Input Surge Current, Over Load, and Over Voltage Protection.
CEC Level V, and Energy Star 2.0 Compliance
Approved as Limited Power Source (LPS)
Class II Insulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Voltage
Max. Output Current
Load Regulation
Maximum
Output Power
SHDA31B-S02 *
5 ~ 6 VDC
4.00 ~ 3.33 A
5%
20W
SHDA31B-S03 *
6 ~ 8 VDC
3.83 ~ 2.87 A
5%
23W
SHDA31B-S04
8 ~ 11 VDC
3.38 ~ 2.45 A
5%
27W
SHDA31B-S05
11 ~ 13 VDC
2.74 ~ 2.30 A
5%
30W
SHDA31B-S06
13 ~ 16 VDC
2.30 ~ 1.88 A
5%
30W
SHDA31B-S07
16 ~ 21 VDC
1.88 ~ 1.43 A
3%
30W
SHDA31B-S08
21 ~ 27 VDC
1.43 ~ 1.11 A
3%
30W
SHDA31B-S09
27 ~ 33 VDC
1.11 ~ 0.91A
3%
30W
SHDA31B-S10
33 ~ 40 VDC
0.91 ~ 0.75A
3%
30W
SHDA31B-S11
40 ~ 48 VDC
0.75 ~ 0.63A
3%
30W
Mark “*” means approved by PSE.
The model number of S03~S11 had been approved by CEC level V
Total Regulation is conditioned by below configuration
(S02~S04: AWG16/4FT output cable)
(S05~S11: AWG18/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
30
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.9
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.34
A
Low Line Inrush Current
Io=Full load, 25°C Cool start, Vin=115VAC
16
24
A
High Line Inrush Current
Io=Full load, 25°C Cool start, Vin=230VAC
32
48
A
Efficiency
Io=Full Load, Vin=230VAC
78
85
88
%
Line Regulation
Io=Full Load
0.5
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1.5
2
S
Ripple & Noise(Peak to Peak)
Full Load, Vin=90VAC
1
%
Temperature Coefficient
All output
-0.04
0.04
%/°C


Similar Part No. - SHDA31B-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA31B-S05 Vitec-SHDA31B-S05 Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA31B-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31A Vitec-SHDA31A Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B Vitec-SHDA31B Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA30-SERIES Vitec-SMDA30-SERIES Datasheet
391Kb / 2P
   30W Desktop for Medical Equipment
SMDA30 Vitec-SMDA30 Datasheet
403Kb / 2P
   30W Desktop for Medical Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
STDA31-SERIES Vitec-STDA31-SERIES Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com