Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF7118EH Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAF7118EH
Description  Multistandard video decoder with adaptive comb filter and component video input
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAF7118EH Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAF7118EH Datasheet HTML 5Page - NXP Semiconductors SAF7118EH Datasheet HTML 6Page - NXP Semiconductors SAF7118EH Datasheet HTML 7Page - NXP Semiconductors SAF7118EH Datasheet HTML 8Page - NXP Semiconductors SAF7118EH Datasheet HTML 9Page - NXP Semiconductors SAF7118EH Datasheet HTML 10Page - NXP Semiconductors SAF7118EH Datasheet HTML 11Page - NXP Semiconductors SAF7118EH Datasheet HTML 12Page - NXP Semiconductors SAF7118EH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 173 page
background image
2004 Jul 22
9
Philips Semiconductors
Product specification
Multistandard video decoder with adaptive
comb filter and component video input
SAF7118
VDDD5
73
M11
P
digital supply voltage 5 (peripheral cells)
ASCLK
74
N11
O
audio serial clock output
ALRCLK
75
P12
O/st/pd
audio left/right clock output; can be strapped to supply via a 3.3 k
resistor to indicate that the default 24.576 MHz crystal (ALRCLK = 0;
internal pull-down) has been replaced by a 32.110 MHz crystal
(ALRCLK = 1); notes 5 and 7
AMXCLK
76
M12
I
audio master external clock input
ITRDY
77
N12
I/pu
target ready input for image port data
DNC0
78
P13
I/pu
do not connect, reserved for future extensions and for testing: scan input
DNC16
79
N13
NC
do not connect, reserved for future extensions and for testing
DNC17
80
N14
NC
do not connect, reserved for future extensions and for testing
DNC19
81
NC
do not connect, reserved for future extensions and for testing
DNC20
82
NC
do not connect, reserved for future extensions and for testing
FSW
83
M13
I/pd
fast switch (blanking) with internal pull-down inserts component inputs
into CVBS signal
ICLK
84
M14
I/O
clock output signal for image port, or optional asynchronous back-end
clock input
IDQ
85
L13
O
output data qualifier for image port (optional: gated clock output)
ITRI
86
L12
I/(O)
image port output control signal, affects all input port pins inclusive ICLK,
enable and active polarity is under software control (bits IPE in
subaddress 87H); output path used for testing: scan output
IGP0
87
L14
O
general purpose output signal 0; image port (controlled by subaddresses
84H and 85H)
VSSD5
88
L11
P
digital ground 5 (peripheral cells)
IGP1
89
K13
O
general purpose output signal 1; image port (controlled by subaddresses
84H and 85H)
IGPV
90
K14
O
multi purpose vertical reference output signal; image port (controlled by
subaddresses 84H and 85H)
IGPH
91
K12
O
multi purpose horizontal reference output signal; image port (controlled
by subaddresses 84H and 85H)
IPD7
92
K11
O
MSB of image port data output
IPD6
93
J13
O
MSB
− 1 of image port data output
IPD5
94
J14
O
MSB
− 2 of image port data output
VDDD6
95
J12
P
digital supply voltage 6 (core)
VSSD6
96
J11
P
digital ground 6 (core)
IPD4
97
H13
O
MSB
− 3 of image port data output
IPD3
98
H14
O
MSB
− 4 of image port data output
IPD2
99
H11
O
MSB
− 5 of image port data output
IPD1
100
G12
O
MSB
− 6 of image port data output
VDDD7
101
H12
P
digital supply voltage 7 (peripheral cells)
IPD0
102
G14
O
LSB of image port data output
SYMBOL
PIN
TYPE(1)
DESCRIPTION
QFP160 HBGA156


Similar Part No. - SAF7118EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAF7113 PHILIPS-SAF7113 Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7113H PHILIPS-SAF7113H Datasheet
281Kb / 80P
   9-bit video input processor
2000 May 08
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115ET NXP-SAF7115ET Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAF7115HW NXP-SAF7115HW Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
More results

Similar Description - SAF7118EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
SAA7154E NXP-SAA7154E Datasheet
420Kb / 90P
   Multistandard video decoder with comb filter, component input and RGB output
Rev. 02-6 December 2007
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
Fairchild Semiconductor
TMC22X5YA FAIRCHILD-TMC22X5YA Datasheet
417Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Cadeka Microcircuits LL...
TMC22X5YA CADEKA-TMC22X5YA Datasheet
554Kb / 84P
   Multistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family, 8 & 10 bit
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com