Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1022R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI1022R
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1022R Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1022R Datasheet HTML 1Page - Vishay Siliconix SI1022R Datasheet HTML 2Page - Vishay Siliconix SI1022R Datasheet HTML 3Page - Vishay Siliconix SI1022R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si1022R
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71331
S-03049—Rev. A, 05-Feb-01
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1
2
3
4
5
02468
10
On-Resistance vs. Gate-Source Voltage
VGS – Gate-to-Source Voltage (V)
ID = 500 mA
ID = 200 mA
1.2
1.5
1
100
1000
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 125_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
10
TJ = –55_C
VGS = 0 V
0.01
0
1
2.5
3
100
600
0.1
Single Pulse Power, Junction-to-Ambient
Time (sec)
Threshold Voltage Variance Over Temperature
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
TJ – Junction Temperature (_C)
1.5
2
0.5
1
10
TA = 25_C
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 500_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


Similar Part No. - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1022R VISHAY-SI1022R Datasheet
93Kb / 5P
   N-Channel 60-V (D-S) MOSFET
S-81543-Rev. B, 07-Jul-08
SI1022R VISHAY-SI1022R Datasheet
156Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
SI1022R VISHAY-SI1022R Datasheet
156Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
logo
Vishay Telefunken
SI1022R TFUNK-SI1022R Datasheet
156Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1022R VISHAY-SI1022R Datasheet
154Kb / 7P
   N-Channel 60 V (D-S) MOSFET
Rev. F, 22-Nov-10
More results

Similar Description - SI1022R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com