Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG102GA-2.5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG102GA-2.5
Description  DMOS 250mA Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG102GA-2.5 Datasheet(HTML) 5 Page - Texas Instruments

  REG102GA-2.5 Datasheet HTML 1Page - Texas Instruments REG102GA-2.5 Datasheet HTML 2Page - Texas Instruments REG102GA-2.5 Datasheet HTML 3Page - Texas Instruments REG102GA-2.5 Datasheet HTML 4Page - Texas Instruments REG102GA-2.5 Datasheet HTML 5Page - Texas Instruments REG102GA-2.5 Datasheet HTML 6Page - Texas Instruments REG102GA-2.5 Datasheet HTML 7Page - Texas Instruments REG102GA-2.5 Datasheet HTML 8Page - Texas Instruments REG102GA-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REG102
5
SBVS024F
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
For all models, at TJ = +25°C and VENABLE = 1.8V, unless otherwise noted.
18
16
14
12
10
8
6
4
2
0
Error (%)
OUTPUT VOLTAGE ACCURACY HISTOGRAM
30
25
20
15
10
5
0
V
OUT Drift (ppm/°C)
OUTPUT VOLTAGE DRIFT HISTOGRAM
–50
25
–25
0
50
75
100
125
0.80
0.60
0.40
0.20
0
–0.20
–0.40
–0.60
–0.80
–1.00
Temperature (
°C)
OUTPUT VOLTAGE vs TEMPERATURE
(Output Voltage % Change Refered
to I
OUT = 125mA at +25°C)
I
OUT = 5mA
I
OUT = 250mA
I
OUT = 125mA
–50
25
–25
0
50
75
100
125
1
µ
100n
10n
1n
100p
Temperature (
°C)
GROUND PIN CURRENT, NOT ENABLED
vs TEMPERATURE
V
ENABLE = 0.5V
V
IN = VOUT + 1V
050
75
25
125
100
175
150
225
200
250
800
700
600
500
400
300
200
100
0
I
OUT (mA)
GROUND PIN CURRENT vs I
OUT
V
OUT = 2.5V
V
OUT = 3.3V
V
OUT = 5.0V
–50
–25
0
25
50
75
125
100
750
725
700
675
650
625
600
575
550
Temperature (
°C)
GROUND PIN CURRENT vs TEMPERATURE
I
OUT = 250mA
V
OUT = 5V
V
OUT = 3.3V
V
OUT = 2.5V


Similar Part No. - REG102GA-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102GA-2.5 BURR-BROWN-REG102GA-2.5 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102GA-2.5 TI1-REG102GA-2.5 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Burr-Brown (TI)
REG102GA-2.5/2K5 BURR-BROWN-REG102GA-2.5/2K5 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
REG102GA-2.5/2K5G4 BURR-BROWN-REG102GA-2.5/2K5G4 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
REG102GA-2.5G4 BURR-BROWN-REG102GA-2.5G4 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
More results

Similar Description - REG102GA-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
REG102 BURR-BROWN-REG102_07 Datasheet
549Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com