Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0464.153 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PF0464.153
Description  SMT POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PF0464.153 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PF0464.153 Datasheet HTML 1Page - Pulse A Technitrol Company PF0464.153 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 5538070 •• Taiwan 886 3 4641811
www.pulseeng.com
35
SPM2006 (3/06)
SMT POWER INDUCTORS
Shielded Drum Core - PF0464/PF0465 Series
A
MAX
SUGGESTED PAD LAYOUT
.287
7,30
REF
.104
2,65
REF
.079 REF
2,00
XXX
.284
7,20
MAX
.284
7,20
MAX
Date Code
Mechanical
Schematic
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +125°C 1, 6
Height: PF0464: 3mm Max - PF0465: 4mm Max
Small Size: 7.2mm x 7.2mm Max
Current Rating: PF0464: up to 4.5A - PF0465: up to 3.5A
Inductance Range: 1.5µH to 100µH
1
2
Part 5
Inductance
1
Irated 2
DCR (m
Ω)
Inductance
Saturation
3
Heating
4
Number
@Irated
(A)
@0A DC
Current
Current I DC
(
μH TYP)
TYP
MAX
(
μH ±20%)
I SAT (A)
(A)
PF0464 S ERIES
PF0464.152
1.2
4.50
9
1 2
1.5
4.50
5.50
PF0464.302
2.4
3.00
17
22
3.0
3.00
4.25
PF0464.392
3.1
2.60
19
25
3.9
2.60
3.80
PF0464.502
4.0
2.40
24
30
5.0
2.40
3.55
PF0464.602
4.8
2.25
26
33
6.0
2.25
3.20
PF0464.732
5.8
2.10
36
45
7.3
2.10
3.10
PF0464.862
6.9
1.85
38
48
8.6
1.85
2.95
PF0464.103
8.0
1.70
41
52
10
1.70
2.90
PF0464.123
9.6
1.55
52
66
12
1.55
2.40
PF0464.153
12.0
1.40
55
75
15
1.40
2.35
PF0464.183
14.4
1.32
69
90
18
1.32
2.10
PF0464.223
17.6
1.20
85
113
22
1.20
1.85
PF0464.273
21.6
1.05
104
132
27
1.05
1.70
PF0464.333
26.4
0.97
132
165
33
0.97
1.50
PF0464.393
31.2
0.86
142
180
39
0.86
1.45
PF0464.473
37.6
0.80
197
238
47
0.80
1.25
PF0464.563
44.8
0.73
216
270
56
0.73
1.15
PF0464.683
54.4
0.65
235
300
68
0.65
1.10
PF0464.823
65.6
0.60
291
370
82
0.60
1.00
PF0464.104
80.0
0.54
401
505
100
0.54
0.85
PF0465 S ERIES
PF0465.332
2.6
3.50
16
20
3.3
3.50
4.65
PF0465.502
4.0
2.90
19
24
5.0
2.90
4.10
PF0465.622
5.0
2.50
21
26
6.2
2.50
3.90
PF0465.732
5.8
2.30
25
31
7.3
2.30
3.50
PF0465.862
6.9
2.20
27
34
8.6
2.20
3.30
PF0465.103
8.0
2.00
29
37
10
2.00
3.20
PF0465.123
9.6
1.70
39
50
12
1.70
2.80
PF0465.153
12.0
1.60
44
55
15
1.60
2.60
PF0465.183
14.4
1.50
62
78
18
1.50
2.25
PF0465.223
17.6
1.30
68
86
22
1.30
2.10
PF0465.273
21.6
1.20
75
95
27
1.20
2.00
PF0465.333
26.4
1.10
94
118
33
1.10
1.75
PF0465.393
31.2
1.00
101
128
39
1.00
1.70
PF0465.473
37.6
0.95
112
140
47
0.95
1.60
PF0465.563
44.8
0.85
154
195
56
0.85
1.35
PF0465.683
54.4
0.75
188
234
68
0.75
1.25
PF0465.823
65.6
0.70
261
324
82
0.70
1.05
PF0465.104
80.0
0.65
286
350
100
0.65
1.00
PF0464
PF0465
Weight............................0.5 grams .........0.7 grams
Tape & Reel ....................1200/reel ............900/reel
“A” (height - in./mm) ....0.118/3,00 ........0.158/4,00
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .004
0,10
* NOTE: To order RoHS compliant part, add the suffix “NL” to the part number (i.e. PF0464.152 becomes PF0464.152NL and PF0464.152T becomes PF0464.152NLT).


Similar Part No. - PF0464.153

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PF0464.153NL PULSE-PF0464.153NL Datasheet
198Kb / 2P
   Shielded Drum Core - PF0464NL/PF0465NL Series
More results

Similar Description - PF0464.153

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com