Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX2074 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # CX2074
Description  BROADBAND: RF & WIRELESS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2074 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  CX2074 Datasheet HTML 1Page - Pulse A Technitrol Company CX2074 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
www.pulseeng.com
G003.U (2/07)
RF, HFC & CATV APPLICATIONS
(continued)
Wideband RF Transformers
Part
Impedance
Bandwidth (MHz TYP)
Package
Data
Number
Ratio
3 dB
2 dB
1 dB
Style
Sheet
Part
Impedance
Bandwidth (MHz TYP)
Package
Data
Number
Ratio
3 dB
2 dB
1 dB
Style
Sheet
CX2068
1:12.25
0.1-150
0.5-100
1.5-50
THT
C206
C2139NL
3
1:1
5-1000
SMT
2
C244
CX2148
1:1
5-500
SMT
C224
CX2148A
1:1
5-500
SMT
C224
CX2149
1:1
Up to 1500
10-1200
SMT
2
C217
CX2155
1:1
5-500
SMT
C238
CX2156
1:1
2.3-2700
SMT
C215
CX2024
1:1
Up to 1500
10-1200
SMT
2
C217
CX2038L
1
1:1
Up to 1500
4.5-1000
SMT
2
C203
CX2039L
1
1:1
Up to 1500
4.5-1000
SMT
2
C203
CX2040L
1
1:1
1.5-500
2.5-400
5-350
SMT
2
C203
CX2041
1:1
0.05-450
0.75-300
0.1-200
SMT
2
C203
CX2050
1:1
0.15-400
6-pin SMT C206
CX2060
1:1
0.15-400
6-pin THT C206
CX2072
1:1
Up to 1500
10-1000
5-pin SMT C227
CX2078
1:1
5-500
5-pin SMT C215
CX2076
1:1
Up to 2150
SMT
2
C233
CX2043L
1
1:1.5
1-1000
SMT
2
C203
CX2044L
1
1:1.5
1-500
5-100
SMT
2
C203
CX2081
1:1.5 CT
5.0-125
5-pin SMT C215
CX2039 1:1 (50
Ω )
Up to 1500
4.5-1000
SMT
2
C203
CX2038 1:1 (75
Ω )
Up to 1500
4.5-1000
SMT
2
C203
CX2052
1:1CT
0.08-200
6-pin SMT C206
CX2062
1:1CT
0.08-200
6-pin THT C206
CX2147
1:1CT
1-160
SMT
C242
CX2157
1:1CT
0.4-800
0.5-700
1-600
SMT
2
C232
CX2045L
1
1:2
3-300
SMT
2
C203
CX2047L
1
1:4
.5-300
1.5-100
SMT
2
C203
C2022
1:4CT
0.100-500 0.150-390
.300-220
6-pin SMT C200
C2073
1:4CT
1-500
1-200
SMT
2
C224
C2073A
1:4CT
1-500
1-200
SMT
2
C224
CX2032
1:4CT
5-165
Low Profile C210
CX2047
1:4CT
0.50-300
1.5-100
SMT
2
C203
CX2054
1:4CT
0.20-350
6-pin SMT C206
CX2064
1:4CT
0.20-350
6-pin THT C206
CX2065
1:4CT
0.02-250
6-pin THT C206
CX2074
1:4CT
5-170
SMT
C242
CX2158
1:4CT
2-775
3-600
6-250
SMT
2
C232
CX2049L
1
1:8
2-500
SMT
2
C203
CX2059
1:9
0.15-200
6-pin SMT C206
C2020
1CT:1CT 0.150-210
.200-150
.350-90
6-pin SMT C200
C2042
1CT:1CT
0.30-300
0.40-200
0.5-90
6-pin SMT C210
CX2029
36:1CT
0.05-21
SMT
2
C203
CX2141
4CT:1CT
0.3 - 300
0.4 - 200
0.5 - 90
SMT
2
C232
CX2142
1:1
50-870
SMT
2
C232
C2160
2.65:1
Up to 130
Up to 100
0.40-70
SMT
2
C232
1. L = Low cost
2. Leadless
3. NL = Lead-free
THT - Through Hole Package SMT - Surface Mount Package
BROADBAND: RF & WIRELESS
Broadband: RF & Wireless


Similar Part No. - CX2074

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX2074 PULSE-CX2074 Datasheet
55Kb / 2P
   RF TRANSFORMER For Wideband RF Applications
logo
Synaptics Incorporated.
CX20741 CONEXANT-CX20741 Datasheet
641Kb / 2P
   Dedicated Line Output
CX20745 CONEXANT-CX20745 Datasheet
612Kb / 2P
   Control Interface: I2C slave only
logo
Pulse A Technitrol Comp...
CX2074NL PULSE-CX2074NL Datasheet
108Kb / 1P
   RF TRANSFORMER, 1 4 CT
More results

Similar Description - CX2074

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
logo
Z-Communications, Inc
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
   Wireless broadband access
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
   Broadband RF Amplifier
logo
Oscilent Corporation
803-RF448.0M-D OSCILENT-803-RF448.0M-D_14 Datasheet
147Kb / 4P
   Wireless, RF Filter
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com