Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q1553-81 Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # Q1553-81
Description  MILITARY/AEROSPACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

Q1553-81 Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  Q1553-81 Datasheet HTML 1Page - Pulse A Technitrol Company Q1553-81 Datasheet HTML 2Page - Pulse A Technitrol Company Q1553-81 Datasheet HTML 3Page - Pulse A Technitrol Company Q1553-81 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
66
www.pulseeng.com
G003.U (2/07)
Frequency (MHz)
1K
4
1
2
3
5
0
2K
3K
4K
5K
6K
7K
0
0.01
0.1
1
10
100
OFF-THE-SHELF POWER INDUCTORS & TRANSFORMERS
(continued)
SMT Power Inductors: Toroid, POGO Series
POGO 40
PL8400 S
43.6
1.1
309
77
.725 / .575 / .380
M111
POGO 50
PL8401 S
21.9
2.7
90.5
39.5
.910 / .700 / .510
M111
PL8402 S
4.025
6.4
23
6.575
.910 / .700 / .510
M111
PL8403 P
0.53
23.8
3
0.88
.910 / .700 / .510
M111
PL8404 P
1.1
21
2.5
2.1
.910 / .700 / .510
M111
POGO 60
PL8405 P
2.1
22.4
3.4
4
1.280 / 1.070 / .510
M111
1. Connection: P = Parallel, S = Series
SMT Power Inductors: Toroid, SLED Series
SLED 25
PL8500
9.4
3.8
32
10.4
.625 / .525 / .310
M113
PL8501
13.3
3.2
46
14.6
.625 / .525 / .310
M113
PL8502
23
2.4
74
25
.625 / .525 / .310
M113
PL8503
50
1.6
135
56
.625 / .525 / .310
M113
PL8504
75
1.3
220
83
.625 / .525 / .310
M113
PL8505
90
1.2
285
100
.625 / .525 / .310
M113
PL8506
137
1
425
152
.625 / .525 / .310
M113
PL8507
200
.82
673
220
.625 / .525 / .310
M113
PL8508
305
.66
972
331
.625 / .525 / .310
M113
PL8509
439
.56
1520
472
.625 / .525 / .310
M113
SMT Power Inductors: Toroid, POGO Series
SMT Power Inductors: Toroid, POGO Series
(continued)
SMT Common Mode Inductors: Toroid, POGO Series
SMT Power Inductors: Shielded Drum Core
POGO 25
PL8600 P
2.0
8.30
7.6
2.2
.625 / .525 / .310
M114
PL8601 P
2.4
7.20
10.9
2.6
.625 / .525 / .310
M114
PL8602 P
5.0
5.20
19.0
5.5
.625 / .525 / .310
M114
PL8600 S
7.0
4.16
16.0
8.75
.625 / .525 / .310
M114
PL8603 P
9.3
3.80
29.8
10.4
.625 / .525 / .310
M114
PL8601 S
8.4
3.78
21.8
10.4
.625 / .525 / .310
M114
PL8604 P
14.1
3.10
45.3
15.7
.625 / .525 / .310
M114
PL8605 P
19.8
2.6
66.3
22.1
.625 / .525 / .310
M114
PL8602 S
17.9
2.6
38.0
22.45
.625 / .525 / .310
M114
PL8606 P
29.3
2.20
106
32.8
.625 / .525 / .310
M114
PL8603 S
33.8
1.89
60
41.7
.625 / .525 / .310
M114
PL8607 P
42.6
1.80
151
47.6
.625 / .525 / .310
M114
PL8604 S
50.9
1.54
91
62.8
.625 / .525 / .310
M114
PL8608 P
61.3
1.50
224
67.5
.625 / .525 / .310
M114
PL8605 S
71.5
1.30
133
88.2
.625 / .525 / .310
M114
PL8609 P
84.2
1.20
324
91.0
.625 / .525 / .310
M114
PL8606 S
106.1
1.07
202
131.0
.625 / .525 / .310
M114
PL8607 S
154.2
0.89
302
190.3
.625 / .525 / .310
M114
PL8608 S
218.9
0.74
444
270.2
.625 / .525 / .310
M114
PL8609 S
295.0
0.64
636
364.0
.625 / .525 / .310
M114
POGO 40
PL8700 P
1.5
14.40
4.41
2.2
.725 / .600 / .380
M115
PL8701 P
2.4
11.20
6.54
3.5
.725 / .600 / .380
M115
PL8702 P
4.2
8.20
10.47
5.9
.725 / .600 / .380
M115
PL8703 P
5.8
6.80
14.94
7.9
.725 / .600 / .380
M115
PL8700 S
6.1
7.20
17.60
9.0
.725 / .600 / .380
M115
PL8704 P
7.6
5.70
20.99
10.1
.725 / .600 / .380
M115
POGO 40
(continued)
PL8701 S
9.7
5.60
26.20
14.0
.725 / .600 / .380
M115
PL8705 P
12.1
5.40
23.24
18.5
.725 / .600 / .380
M115
PL8702 S
17.0
4.10
41.90
23.7
.725 / .600 / .380
M115
PL8706 P
18.0
4.40
38.15
27.4
.725 / .600 / .380
M115
PL8703 S
23.1
3.40
59.70
31.5
.725 / .600 / .380
M115
PL8707 P
27.0
3.54
53.21
40.5
.725 / .600 / .380
M115
PL8704 S
30.6
2.85
84.00
40.5
.725 / .600 / .380
M115
PL8708 P
34.8
3.00
73.89
50.5
.725 / .600 / .380
M115
PL8705 S
48.5
2.70
93.00
74.1
.725 / .600 / .380
M115
PL8706 S
72.0
2.20
152.60
109.8
.725 / .600 / .380
M115
PL8708 S
139.1
1.50
295.60
202.2
.725 / .600 / .380
M115
PL8707 S
108.0
1.77
212.80
161.8
.725 / .600 /.380
M115
1. Connection: P = Parallel, S = Series
SMT Power Inductors: SLIC (HCCI-80) Series
Part
@ IRATED
IRATED
DCR
Inductance
Package*
Data
Number1
(µH)
(A) (m
Ω) MAX @0ADC (µH)
L/W/H (in.)
Sheet
Part
@ IRATED
IRATED
DCR
Inductance
Package*
Data
Number1
(µH)
(A) (m
Ω) MAX @0ADC (µH)
L/W/H (in.)
Sheet
Part
Inductance IRATED
DCR
SRF Impedance
Package
Data
Number (mH ±30%)
(A) (m
Ω) MAX (MHz) Curve 1
L/W/H (in.)
Sheet
Part
Inductance
IRATED
1
DCR
Inductance Saturation
Package
Data
Number
@IRATED
(A)
(m
Ω
@0ADC
2
Current
L/W/H (in.)
Sheet
(µH TYP)
MAX)
(µH)
@25°C
PL8304 P
1.1
38
1.3
2.1
1.220 / 1.000 / .500
M109
PL8303 P
1.6
34
1.6
3.5
1.220 / 1.000 / .500
M109
PL8302 P
2.45
27
2.5
5.1
1.220 / 1.000 / .500
M109
PL8301 P
3.2
24
3.5
7.2
1.220 / 1.000 / .500
M109
PL8304 S
4.3
19
5.1
8.4
1.220 / 1.000 / .500
M109
PL8300 P
4.52
19
4.8
9.5
1.220 / 1.000 / .500
M109
PL8303 S
6.4
17
6.4
13.8
1.220 / 1.000 / .500
M109
PL8302 S
9.8
13.5
10.1
20.4
1.220 / 1.000 / .500
M109
PL8301 S
12.8
12
13.8
28.7
1.220 / 1.000 / .500
M109
PL8300 S
18.1
9.5
19.3
38.0
1.220 / 1.000 / .500
M109
1. Connection: P = Parallel, S = Series
POGO 40
PL8801
1.5
1.50
60
2
2
.725 / .575 / .380 M116
PL8803
10.0
1.00
450
0.5
4
.725 / .575 / .380 M116
PL8804
22.0
0.50
850
0.3
5
.725 / .575 / .380 M116
POGO 50
PL8800
1.0
3.60
50
4
1
.910 / .700 / .510 M116
PL8802
3.0
2.50
80
2.2
3
.910 / .700 / .510 M116
1. See graph:
PL8901
0.80
11
4.0
1.0
2
14
.413 / .413 / .280 M117
PL8902
1.20
10
6.0
1.5
2
13
.413 / .413 / .280 M117
PL8903
2.1
9.0
7.3
2.7
2
11
.413 / .413 / .280 M117
PL8904
2.9
8.0
8.5
3.7
2
9.2
.413 / .413 / .280 M117
PL8905
3.7
7.3
9.5
4.7
2
8.2
.413 / .413 / .280 M117
PL8906
4.8
6.0
16.5
6.0
2
6.9
.413 / .413 / .280 M117
PL8907
6
5.5
18.5
7.6
2
6.2
.413 / .413 / .280 M117
PL8908
8
5.0
21.8
10
5.5
.413 / .413 / .280 M117
PL8909
9.6
4.5
29.0
12
5.1
.413 / .413 / .280 M117
PL8910
12
4.1
35.4
15
4.4
.413 / .413 / .280 M117
PL8911
14.4
4.0
37.0
18
4.3
.413 / .413 / .280 M117
PL8912
17.6
3.8
42.0
22
3.8
.413 / .413 / .280 M117
PL8913
21.6
3.4
45.9
27
3.4
.413 / .413 / .280 M117
PL8914
26.4
3.0
64.8
33
3.0
.413 / .413 / .280 M117
PL8915
31.2
2.7
81.5
39
2.8
.413 / .413 / .280 M117
PL8916
37.6
2.6
89.0
47
2.6
.413 / .413 / .280 M117
PL8917
54.4
2.1
135.0
68
2.1
.413 / .413 / .280 M117
1. The rated current as listed is either the saturation current or the heating current
depending on which value is lower.
2. Inductance at 0ADC tolerance is ±30%. The tolerance is ±20% on all other parts.
Optional Tape and Reel packaging can be ordered by adding a "T" suffix to the end of
the part number.
SM = Surface Mount
Military/Aerospace Products
MILITARY/AEROSPACE PRODUCTS


Similar Part No. - Q1553-81

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
Q1553-81 PULSE-Q1553-81 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - Q1553-81

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
   Military/Aerospace
logo
Littelfuse
M83530 LITTELFUSE-M83530 Datasheet
78Kb / 10P
   Varistor Products - Aerospace and Military
logo
Tyco Electronics
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
   Military/Aerospace High Performance Relays
logo
List of Unclassifed Man...
FCA-210 ETC2-FCA-210 Datasheet
144Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
Tyco Electronics
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
   Military Aerospace High Performance Relays
FCA-325 MACOM-FCA-325 Datasheet
82Kb / 4P
   Mid-Range Military/Aerospace Relays
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
   Circular; Aerospace Commercial Industrial Military
logo
Amphenol Corporation
T3-4120-10P AMPHENOL-T3-4120-10P Datasheet
3Mb / 39P
   environmental connectors for military/aerospace applications
logo
List of Unclassifed Man...
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
C&K Components
M837319-311 CK-COMPONENTS-M837319-311 Datasheet
367Kb / 5P
   Military/Aerospace/HI-REL MIL-S-83731 Toggle Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com