Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2101C Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL2101C
Description  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101C Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL2101C Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SL2101
Data Sheet
3
Zarlink Semiconductor Inc.
Quick Reference Data
All data applies at maximum power setting with the following conditions unless otherwise stated;
a) nominal loads as follows;
1220 MHz output load as in Figure 4
44 MHz output load as in Figure 5
b) input signal per carrier of 63 dB
µV
*dBm assumes a 75
Ω characteristic impedance, and 0 dBm = 109 dBµV
Functional Description
The SL2101 is a broadband wide dynamic range mixer oscillator with on-board I2C bus controlled PLL frequency
synthesizer, optimized for application in double conversion tuner systems as both the up and down converter. It
also has application in any system where a wide dynamic range broadband synthesized frequency converter is
required.
The SL2101 is a single chip solution containing all necessary active circuitry and simply requires an external
tuneable resonant network for the local oscillator sustaining network. The pin assignment is contained in Figures 2
and 3 for the SSOP and MLP packages and the block diagram in Figure 1.
The device also contains a programmable facility to adjust the power in the lna/mixer so allowing power to be
traded against intermodulation performance for power critical applications, such as telephony modems.
Characteristic
Units
RF input operating range
50-1400
MHz
Input noise figure, SSB,
50-860 MHz
860-1400
6.5 - 8.5
8.5 - 12
dB
dB
Conversion gain
12
dB
CTB (fully loaded matrix)
-68
dBc
CSO (fully loaded matrix)
-65
dBc
P1 dB input referred
110
dB
µV
Local oscillator phase noise as upconverter
SSB @ 10 kHz offset
SSB @ 100 kHz offset
-90
-112
dBc/Hz
dBc/Hz
Local oscillator phase noise as downconverter
SSB @ 10 kHz offset
SSB @ 100 kHz offset
-93
-115
dBc/Hz
dBc/Hz
Local oscillator phase noise floor
-136
dBc/Hz
PLL spurs on converted output with input @ 60 dB
µV<-70
dBc
PLL maximum comparison frequency
4
MHz
PLL phase noise at phase detector
-152
dBc/Hz


Similar Part No. - SL2101C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SL2101C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com