Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417884 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1417884
Description  Sensor/Actuator cable - SAC-3P-MS/20,0-542/ FS SCO BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417884 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1417884 Datasheet HTML 1Page - PHOENIX CONTACT 1417884 Datasheet HTML 2Page - PHOENIX CONTACT 1417884 Datasheet HTML 3Page - PHOENIX CONTACT 1417884 Datasheet HTML 4Page - PHOENIX CONTACT 1417884 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/1417884
08/15/2016   Page 3 / 5
Sensor/Actuator cable - SAC-3P-MS/20,0-542/ FS SCO BK - 1417884
Technical data
Cable
Ambient temperature (operation)
-30 °C ... 105 °C (cable, fixed installation)
Drawings
Cable cross section
PVC yellow 105 °C [542]
Classifications
eCl@ss
eCl@ss 8.0
27279218
eCl@ss 9.0
27060311
ETIM
ETIM 5.0
EC001855
Accessories
Accessories
Protective cap
Sealing cap - PROT-M12 FS-PA-CHAIN - 1430873
M12 sealing cap made of plastic with fixing band, for sensor cables, for free M12 sockets
 
 


Similar Part No. - 1417884

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417880 PHOENIX-1417880 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/ FS SCO BK
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417882 PHOENIX-1417882 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/ FS SCO BK
1417885 PHOENIX-1417885 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 3,0-542/FSSH SCO BK
1417886 PHOENIX-1417886 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/FSSH SCO BK
More results

Similar Description - 1417884

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1417894 PHOENIX-1417894 Datasheet
107Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/20,0-542/ FS SCO BK
1417905 PHOENIX-1417905 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-5P-MS/20,0-542/ FS SCO BK
1417916 PHOENIX-1417916 Datasheet
119Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/20,0-542/ FS SCO BK
1417962 PHOENIX-1417962 Datasheet
98Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SH SCO BK
1417889 PHOENIX-1417889 Datasheet
106Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/20,0-542/FSSH SCO BK
1417881 PHOENIX-1417881 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/10,0-542/ FS SCO BK
1417880 PHOENIX-1417880 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/ 5,0-542/ FS SCO BK
1417882 PHOENIX-1417882 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/15,0-542/ FS SCO BK
1425113 PHOENIX-1425113 Datasheet
147Kb / 10P
   Sensor/actuator cable - SAC-3P-MS/20,0-547/FS SCO BK
09/11/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com