Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2101CNP1Q Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SL2101CNP1Q
Description  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101CNP1Q Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SL2101CNP1Q Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101CNP1Q Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SL2101
Data Sheet
4
Zarlink Semiconductor Inc.
Converter Section
In normal application the RF input is interfaced through appropriate impedance matching and an AGC front end to
the device input. The RF input preamplifier of the device is designed for low noise figure, within the operating region
of 50 to 1400 MHz and for high intermodulation distortion intercept so offering good signal to noise plus composite
distortion spurious performance when loaded with a multi carrier system. The preamplifier also provides gain to the
mixer section and back isolation from the local oscillator section.
The lna/mixer current and hence signal handling and device power consumption are programmable through the I2C
bus as tabulated in Figure 7.
The typical RF input impedance and matching network for broadband upconversion are contained in Figures 8 and
9 respectively and for narrow band downconversion in Figures 10 and 11 respectively. The input referred two tone
intermodulation test condition spectrum at maximum power setting is shown in Figure 12. The typical input NF and
gain versus frequency and NF specification limits, over selectable power settings are contained in Figures 13, 14
and 15 respectively.
The output of the preamplifier is fed to the mixer section which is optimized for low radiation application. In this
stage the RF signal is mixed with the local oscillator frequency, which is generated by the on-board oscillator. The
oscillator block uses an external tuneable network and is optimized for low phase noise. The typical oscillator
application as an upconverter is shown in Figure 16 and the typical phase noise performance in Figure 17. The
typical oscillator application as a downconverter is shown in Figure 18, and the phase noise performance in Figure
19. This oscillator block interfaces direct with the internal PLL to allow for frequency synthesis of the local oscillator.
Finally the output of the mixer provides an open collector differential output drive. The device allows for selection of
an IF in the range 30-1400 MHz so covering standard HIIFs between 1 and 1.4 GHz and all conventional tuner
output IFs. When used as a broadband upconverter to a HIIF the output should be differentially loaded, for example
with a differential SAW filter, to maximize intermodulation performance. A nominal load in maximum power setting is
shown in Figure 4, which will typically be terminated with a differential 200 load. When used as a narrowband
downconverter the output should be differentially loaded with a discrete differential to single ended converter as in
Figure 5, shown tuned to 44 MHz IF. Alternatively loading can be direct into a differential input amplifier or SAWF, in
which case external loads to Vcc will be required. An example load for 44 MHz application with a gain of 16 dB is
contained in Figure 6. The NF and gain with recommended load versus power setting are contained in Figure 20.
The typical IF output impedance as upconverter and downconverter are contained in Figures 21 and 22
respectively.
In all applications care should be taken to achieve symmetric balance to the IF outputs to maximize intermodulation
performance.
The typical key performance data at 5V Vcc and 25 deg C ambient are shown in the section 'Quick Reference
Data'.
PLL Frequency Synthesizer
The PLL frequency synthesizer section contains all the elements necessary, with the exception of a reference
frequency source and loop filter to control the oscillator, so forming a complete PLL frequency synthesized source.
The device allows for operation with a high comparison frequency and is fabricated in high speed logic, which
enables the generation of a loop with good phase noise performance.
The LO signal from the oscillator drives an internal preamplifier, which provides gain and reverse isolation from the
divider signals. The output of the preamplifier interfaces direct with the 15-bit fully programmable divider. The
programmable divider is of MN+A architecture, where the dual modulus prescaler is 16/17, the A counter is 4-bits,
and the M counter is 11 bits.
The output of the programmable divider is fed to the phase comparator where it is compared in both phase and
frequency domain with the comparison frequency. This frequency is derived either from the on-board crystal
controlled oscillator or from an external reference source. In both cases the reference frequency is divided down to


Similar Part No. - SL2101CNP1Q

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SL2101CNP1Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com