Electronic Components Datasheet Search |
|
STDA65-T01 Datasheet(PDF) 2 Page - Vitec Power |
|
STDA65-T01 Datasheet(HTML) 2 Page - Vitec Power |
2 / 2 page Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 264 VAC Input Frequency 47 63 Hz Output Power Range Vin= 90 to 264 VAC 0 80 W Input Current (Low Line) Io=Full load, Vin=115 VAC 1.9 A Input Current (High Line) Io=Full load, Vin= 230 VAC 1.5 A Low Line Inrush Current Io=Full load, 25°C, Cool start, Vin=115VAC 26 30 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230 VAC 48 55 A Efficiency Io=Full Load, Vin=230VAC 75 83 88 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 5 7 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 16 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S * Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 0 .5 1 % Safety Ground Leakage Current Io= Full Load, Vin=240VAC 0.5 0.75 mA Temperature Coefficient All output -0.04 0.04 %/°C * Note: The Ripple & Noise which is under 3.3VDC at 2% max Approvals and Compliances Parameter Test Conditions Min. Unit Dielectric Withstanding Voltage for Primary to secondary Primary to secondary 4242 VDC Dielectric Withstanding Voltage for Primary to Ground Primary to ground 2121 VDC Isolation Resistance Test Voltage=500VDC 50 MΩ EMI requirements for CISPR-22 Vin=220VAC B CLASS EMI requirements for FCC PART-15 Vin=110VAC B CLASS Mechanical and PIN out Note: 1. Dimensions are shown in mm & inch 2. Weight: approx. 570~750g approx. (Exclude the input cord) 3. Optional output connector. |
Similar Part No. - STDA65-T01 |
|
Similar Description - STDA65-T01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |