Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1417894 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1417894
Description  Sensor/Actuator cable - SAC-4P-MS/20,0-542/ FS SCO BK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1417894 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1417894 Datasheet HTML 1Page - PHOENIX CONTACT 1417894 Datasheet HTML 2Page - PHOENIX CONTACT 1417894 Datasheet HTML 3Page - PHOENIX CONTACT 1417894 Datasheet HTML 4Page - PHOENIX CONTACT 1417894 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/us/products/1417894
08/15/2016   Page 5 / 5
Sensor/Actuator cable - SAC-4P-MS/20,0-542/ FS SCO BK - 1417894
Accessories
Adapter insert - TSD-M SAC-BIT ADAPTER - 1212600
Adapter bit for TSD-M...torque tools, E6.3-1/4" drive with 4 mm hexagon to accommodate SAC bits
 
 
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and M12 connectors for assembly, with a knurl diameter
of 15 mm, for 4 mm hexagonal drive
 
 
Torque tool
Torque screwdriver - TSD 04 SAC - 1208429
Torque screwdriver, with preset torque of 0.4 Nm and 4 mm hexagonal drive for M12 connectors
 
 
Torque screwdriver - TSD-M 1,2NM - 1212224
Torque screw driver, accuracy as per EN ISO 6789 standard, adjustable from 0.3 ‑ 1.2 Nm
 
 
Phoenix Contact 2016 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 1417894

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417890 PHOENIX-1417890 Datasheet
111Kb / 6P
   Sensor/Actuator cable - SAC-4P-MS/ 3,0-542/ FS SCO BK
1417891 PHOENIX-1417891 Datasheet
111Kb / 6P
   Sensor/Actuator cable - SAC-4P-MS/ 5,0-542/ FS SCO BK
1417892 PHOENIX-1417892 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/10,0-542/ FS SCO BK
1417893 PHOENIX-1417893 Datasheet
107Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/15,0-542/ FS SCO BK
1417895 PHOENIX-1417895 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/ 3,0-542/FSSH SCO BK
More results

Similar Description - 1417894

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417905 PHOENIX-1417905 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-5P-MS/20,0-542/ FS SCO BK
1417884 PHOENIX-1417884 Datasheet
95Kb / 5P
   Sensor/Actuator cable - SAC-3P-MS/20,0-542/ FS SCO BK
1417916 PHOENIX-1417916 Datasheet
119Kb / 7P
   Sensor/Actuator cable - SAC-8P-MS/20,0-542/ FS SCO BK
1417900 PHOENIX-1417900 Datasheet
99Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/20,0-542/FSSH SCO BK
1417892 PHOENIX-1417892 Datasheet
108Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/10,0-542/ FS SCO BK
1417893 PHOENIX-1417893 Datasheet
107Kb / 5P
   Sensor/Actuator cable - SAC-4P-MS/15,0-542/ FS SCO BK
1417890 PHOENIX-1417890 Datasheet
111Kb / 6P
   Sensor/Actuator cable - SAC-4P-MS/ 3,0-542/ FS SCO BK
1417891 PHOENIX-1417891 Datasheet
111Kb / 6P
   Sensor/Actuator cable - SAC-4P-MS/ 5,0-542/ FS SCO BK
1417957 PHOENIX-1417957 Datasheet
97Kb / 5P
   Sensor/Actuator cable - SAC-3P- 20,0-542/ FS SCO BK
1417975 PHOENIX-1417975 Datasheet
100Kb / 5P
   Sensor/Actuator cable - SAC-5P- 20,0-542/ FS SCO BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com