Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q6800 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q6800
Description  10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q6800 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74CB3Q6800 Datasheet HTML 2Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 3Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 4Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 5Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 6Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 7Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 8Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 9Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74CB3Q6800
10BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS142A − OCTOBER 2003 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VI − V
TYPICAL ron
vs
VI
VCC = 3.3 V
TA = 25°C
IO = −15 mA
Figure 1. Typical ron vs VI, VCC = 3.3 V and IO = −15 mA
0
2
4
6
8
10
12
02468
10
12
14
16
18
20
ON Switching Frequency − MHz
TYPICAL ICC
vs
ON SWITCHING FREQUENCY
VCC = 3.3 V
TA = 25°C
A and B ports Open, BIASV Open
Figure 2. Typical ICC vs ON Switching Frequency, VCC = 3.3 V


Similar Part No. - SN74CB3Q6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q6800DBQR TI1-SN74CB3Q6800DBQR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800DGVR TI1-SN74CB3Q6800DGVR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PW TI1-SN74CB3Q6800PW Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PWG4 TI1-SN74CB3Q6800PWG4 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PWR TI1-SN74CB3Q6800PWR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CB3Q6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com