Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q6800 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q6800
Description  10 BIT FET BUS SWITCH WITH PRECHAGED OUTPUTS 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q6800 Datasheet(HTML) 2 Page - Texas Instruments

  SN74CB3Q6800 Datasheet HTML 1Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 2Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 3Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 4Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 5Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 6Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 7Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 8Page - Texas Instruments SN74CB3Q6800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SN74CB3Q6800
10BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH
SCDS142A − OCTOBER 2003 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information
The SN74CB3Q6800 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage
of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance
allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The
device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data
bus. Specifically designed to support high-bandwidth applications, the SN74CB3Q6800 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
The SN74CB3Q6800 is a 10-bit bus switch with a single output-enable (ON) input. When ON is low, the 10-bit
bus switch is ON and the A port is connected to the B port, allowing bidirectional data flow between ports. When
ON is high, the 10-bit bus switch is OFF and a high-impedance state exists between the A and B ports. The B
port is precharged to bias voltage (BIASV) through the equivalent of a 10-k
Ω resistor when ON is high, or if the
device is powered down (VCC = 0 V).
During insertion (or removal) of a card into (or from) an active bus, the card’s output voltage may be close to
GND. When the connector pins make contact, the card’s parasitic capacitance tries to force the bus signal to
GND, creating a possible glitch on the active bus. This glitching effect can be reduced by using a bus switch
with precharged bias voltage (BIASV) of the bus switch equal to the input threshold voltage level of the receivers
on the active bus. This method will ensure that any glitch produced by insertion (or removal) of the card will not
cross the input threshold region of the receivers on the active bus, minimizing the effects of live-insertion noise.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging
current backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, ON should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP (QSOP) − DBQ
Tape and reel
SN74CB3Q6800DBQR
CB3Q6800
−40
°C to 85°C
TSSOP − PW
Tube
SN74CB3Q6800PW
BY800
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74CB3Q6800PWR
BY800
TVSOP − DGV
Tape and reel
SN74CB3Q6800DGVR
BY800
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
ON
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
B port = BIASV


Similar Part No. - SN74CB3Q6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q6800DBQR TI1-SN74CB3Q6800DBQR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800DGVR TI1-SN74CB3Q6800DGVR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PW TI1-SN74CB3Q6800PW Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PWG4 TI1-SN74CB3Q6800PWG4 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800PWR TI1-SN74CB3Q6800PWR Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results

Similar Description - SN74CB3Q6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3345 TI-SN74CB3Q3345 Datasheet
225Kb / 11P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
logo
Texas Instruments
SN74CB3Q3244 TI-SN74CB3Q3244 Datasheet
559Kb / 17P
[Old version datasheet]   8 BIT FET BUS SWITCH 2.5V/3.3 V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211 Datasheet
274Kb / 12P
[Old version datasheet]   24 BIT SWITCH 2.5V 3.3V VOLTAGE FET BUS SWITCH
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com