Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC4851DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC4851DR
Description  8 CHANNEL ANALOG MULTIPLEXER/DEMUILTIPLEXER WITH INJECTION CURRENT EFFECT CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC4851DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HC4851DR Datasheet HTML 1Page - Texas Instruments SN74HC4851DR Datasheet HTML 2Page - Texas Instruments SN74HC4851DR Datasheet HTML 3Page - Texas Instruments SN74HC4851DR Datasheet HTML 4Page - Texas Instruments SN74HC4851DR Datasheet HTML 5Page - Texas Instruments SN74HC4851DR Datasheet HTML 6Page - Texas Instruments SN74HC4851DR Datasheet HTML 7Page - Texas Instruments SN74HC4851DR Datasheet HTML 8Page - Texas Instruments SN74HC4851DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74HC4851
8CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
WITH INJECTIONCURRENT EFFECT CONTROL
SCLS542B − SEPTEMBER 2003 − REVISED JANUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 2 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
19.5
25
29
32
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
23
30
35
40
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
95
105
115
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
95
105
115
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
12
15.5
17.5
19.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
13.5
17.5
20
23
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
90
100
110
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
90
100
110
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V, CL = 50 pF (unless otherwise noted) (see Figures 9−14)
PARAMETER
FROM
TO
TA = 25°C
UP TO 85
°C
UP TO 125
°C
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
11
14.5
16.5
18.5
ns
tPLH
tPHL
Propagation
delay time
Channel Select
COM or Yn
12.5
16.5
19
22
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
85
95
105
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
85
95
105
ns


Similar Part No. - SN74HC4851DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC4851DR TI-SN74HC4851DR Datasheet
389Kb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74HC4851DR TI-SN74HC4851DR Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851DR TI-SN74HC4851DR Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851DRE4 TI-SN74HC4851DRE4 Datasheet
389Kb / 18P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74HC4851DRE4 TI-SN74HC4851DRE4 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
More results

Similar Description - SN74HC4851DR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT4851 PHILIPS-74HC_HCT4851_15 Datasheet
122Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
74HCT4851 NXP-74HCT4851 Datasheet
114Kb / 20P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 02-2 September 2008
logo
Texas Instruments
SN74HC4851 TI-SN74HC4851_08 Datasheet
689Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
SN74HC4851 TI-SN74HC4851_10 Datasheet
630Kb / 22P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL
logo
NXP Semiconductors
74HC4851-Q100 NXP-74HC4851-Q100 Datasheet
260Kb / 21P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 1-2 August 2012
logo
Nexperia B.V. All right...
74HC4851-Q100 NEXPERIA-74HC4851-Q100 Datasheet
293Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 3 - 18 February 2020
74HC4851 NEXPERIA-74HC4851 Datasheet
310Kb / 19P
   8-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 15 May 2023
logo
Texas Instruments
SN74HC4851-Q1 TI-SN74HC4851-Q1 Datasheet
294Kb / 15P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION EFFECT CONTROL
logo
Nexperia B.V. All right...
74HCT4852 NEXPERIA-74HCT4852 Datasheet
297Kb / 19P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 4 - 28 April 2020
logo
NXP Semiconductors
74HC_HCT4852 PHILIPS-74HC_HCT4852_15 Datasheet
123Kb / 20P
   Dual 4-channel analog multiplexer/demultiplexer with injection-current effect control
Rev. 03-2 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com