Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N9010B Datasheet(PDF) 10 Page - Keysight Technologies

Part # N9010B
Description  EXA X-Series Signal Analyzer, Multi-touch N9010B
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9010B Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N9010B Datasheet HTML 6Page - Keysight Technologies N9010B Datasheet HTML 7Page - Keysight Technologies N9010B Datasheet HTML 8Page - Keysight Technologies N9010B Datasheet HTML 9Page - Keysight Technologies N9010B Datasheet HTML 10Page - Keysight Technologies N9010B Datasheet HTML 11Page - Keysight Technologies N9010B Datasheet HTML 12Page - Keysight Technologies N9010B Datasheet HTML 13Page - Keysight Technologies N9010B Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10 | Keysight | N9010B EXA X-Series Signal Analyzer, Multi-touch - Data Sheet
Displayed average noise level (DANL) (continued)
Preamp on, millimeter-wave
(Option 532, 544) 1
100 kHz to 1 MHz
–145 dBm
–148 dBm
1 to 10 MHz
–161 dBm
–165 dBm
10 MHz to 1.2 GHz
–164 dBm
–165 dBm
1.2 to 2.1 GHz
–163 dBm
–164 dBm
2.1 to 3.6 GHz
–162 dBm
–163 dBm
3.5 to 7 GHz
–160 dBm
–162 dBm
7 to 20 GHz
–160 dBm
–162 dBm
20 to 26.5 GHz
–158 dBm
–160 dBm
26.5 to 32 GHz
–156 dBm
–159 dBm
32 to 34 GHz
–156 dBm
–159 dBm
33.9 to 40 GHz
–153 dBm
–155 dBm
40 to 44 GHz
–149 dBm
–153 dBm
DANL with Noise Floor Extension (Option NFE) on
Improvement @ 95th percentile
RF/MW (Option 503, 507, 513, 526)
Frequency band
Preamp Off
Preamp On
Band 0, f > 20 MHz
9 dB
9 dB
Band 1
9 dB
8 dB
Band 2
9 dB
9 dB
Band 3
11 dB
9 dB
Band 4
9 dB
8 dB
Example of effective DANL @ 18-30 °C
Frequency
Preamp Off
Preamp On
Mid-Band 0 (1.8 GHz)
–156 dBm
–170 dBm
Mid-Band 1 (5.9 GHz)
–155 dBm
–168 dBm
Mid-Band 2 (10.95 GHz)
–153 dBm
–168 dBm
Mid-Band 3 (15.3 GHz)
–147 dBm
–165 dBm
Mid-Band 4 (21.75 GHz)
–145 dBm
–157 dBm
Millimeter-Wave (Option 532, 544) 1
Frequency band
Preamp Off
Preamp On
Band 0, f > 20 MHz
7 dB
9 dB
Band 1
8 dB
7 dB
Band 2
8 dB
7 dB
Band 3
8 dB
7 dB
Band 4
8 dB
6 dB
Band 5
9 dB
6 dB
Band 6
9 dB
5 dB
Example of effective DANL @ 18-30 °C
Frequency
Preamp Off
Preamp On
Mid-Band 0 (1.8 GHz)
–157 dBm
–169 dBm
Mid-Band 1 (5.9 GHz)
–152 dBm
–166 dBm
Mid-Band 2 (10.95 GHz)
–154 dBm
–165 dBm
Mid-Band 3 (15.3 GHz)
–153 dBm
–164 dBm
Mid-Band 4 (21.75 GHz)
–148 dBm
–164 dBm
Mid-Band 5 (30.4 GHz)
–145 dBm
–160 dBm
Mid-Band 6 (42.7 GHz)
–142 dBm
–154 dBm
1.
Without Option B40, DP2, or MPB. When any of these options are installed, performance may change. Please refer to the EXA specifications guide for
more details.


Similar Part No. - N9010B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9010A KEYSIGHT-N9010A Datasheet
2Mb / 22P
   EXA X-Series Signal Analyzer N9010A
logo
Agilent(Hewlett-Packard...
N9010A HP-N9010A Datasheet
379Kb / 9P
   Calibration and Adjustment Software for Agilent RF/W Instruments
More results

Similar Description - N9010B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9010A KEYSIGHT-N9010A Datasheet
2Mb / 22P
   EXA X-Series Signal Analyzer N9010A
N9030B KEYSIGHT-N9030B Datasheet
1Mb / 30P
   PXA X-Series Signal Analyzer, Multi-touch
N9041B-RT2 KEYSIGHT-N9041B-RT2 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9041B-RT1 KEYSIGHT-N9041B-RT1 Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch
N9040B KEYSIGHT-N9040B Datasheet
1Mb / 29P
   UXA X-Series Signal Analyzer, Multi-touch N9040B
N9020B KEYSIGHT-N9020B Datasheet
1Mb / 19P
   MXA X-Series Signal Analyzer, Multi-touch N9020B
N9041B KEYSIGHT-N9041B Datasheet
859Kb / 9P
   UXA X-Series Signal Analyzer, Multi-touch N9041B
N9000B KEYSIGHT-N9000B Datasheet
2Mb / 18P
   CXA X-Series Signal Analyzer, Multi-touch N9000B
N8974B KEYSIGHT-N8974B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
N8976B KEYSIGHT-N8976B Datasheet
1Mb / 10P
   NFA X-Series Noise Figure Analyzer, Multi-touch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com