Electronic Components Datasheet Search |
|
N9030A Datasheet(PDF) 9 Page - Keysight Technologies |
|
N9030A Datasheet(HTML) 9 Page - Keysight Technologies |
9 / 28 page 9 | Keysight | N9030A PXA X-Series Signal Analyzer - Data Sheet Dynamic Range Specifications 1 dB gain compression (two-tone) Maximum power at input mixer (At 1 kHz RBW with 100 kHz tone spacing, 20 to 30 °C) 20 to 40 MHz 40 to 200 MHz 200 MHz to 3.6 GHz 3.6 to 16 GHz 16 to 26.5 GHz 26.5 to 50 GHz –3 dBm +1 dBm +3 dBm +1 dBm –1 dBm 0 dBm typical +3 dBm typical +5 dBm typical +4 dBm typical +2 dBm typical 0 dBm nominal Preamp on (Option P03, P08, P13, P26, P43, P44, and P50) 10 MHz to 3.6 GHz 3.6 to 26.5 GHz Tone spacing 100 kHz to 20 MHz Tone spacing > 70 MHz Freq Option ≤ 526 Freq Option > 526 26.5 to 50 GHz –14 dBm nominal –28 dBm nominal –10 dBm nominal –20 dBm nominal –30 dBm nominal Displayed average noise level (DANL) Specification Typical (Input terminated, sample or average detector, averaging type = Log, 0 dB input attenuation, IF Gain = High, 1 Hz RBW, 20 to 30 °C) RF/MW (Option 503, 508, 513, 526) Normal 1/LNP enabled 2 Normal 1/LNP enabled 2 Preamp off 3 Hz to 9 kHz 9 to 100 kHz 100 kHz to1 MHz 1 to 10 MHz 10 MHz to 1.2 GHz 1.2 to 2.1 GHz 2.1 to 3.0 GHz 3.0 to 3.6 GHz 3.5 to 4.2 GHz 4.2 to 8.4 GHz 8.3 to 13.6 GHz 13.5 to 16.9 GHz 16.9 to 20.0 GHz 20.0 to 26.5 GHz –146 dBm/NA –150 dBm/NA –155 dBm/NA –155 dBm/NA –153 dBm/NA –152 dBm/NA –151 dBm/NA –147 dBm/–153 dBm –150 dBm/–155 dBm –149 dBm/–155 dBm –145 dBm/–152 dBm –143 dBm/–151 dBm –137 dBm/–150 dBm –100 dBm/NA typical –152 dBm/NA typical –156 dBm/NA typical –158 dBm/NA typical –157 dBm/NA typical –155 dBm/NA typical –154 dBm/NA typical –153 dBm/NA typical –150 dBm/–156 dBm typical –152 dBm/–157 dBm typical –151 dBm/–157 dBm typical –147 dBm/–155 dBm typical –145 dBm/–153 dBm typical –140 dBm/–152 dBm typical Preamp on Option P03, P08, P13, P26 100 to 200 kHz 200 to 500 kHz 0.5 to 1 MHz –157 dBm/NA –160 dBm/NA –164 dBm/NA –160 dBm/NA typical –163 dBm/NA typical –166 dBm/NA typical Option P03, P08, P13, P26 Option P03, P08, P13, P26 Option P03, P08, P13, P26 Option P08, P13, P26 3 Option P13, P26 3 Option P26 3 Option P26 3 Option P26 3 1 to 10 MHz 10 MHz to 2.1 GHz 2.1 to 3.6 GHz 3.5 to 8.4 GHz 8.3 to 13.6 GHz 13.5 to 16.9 GHz 16.9 to 20.0 GHz 20.0 to 26.5 GHz –164 dBm/NA –165 dBm/NA –163 dBm/NA –164 dBm/NA –163 dBm/NA –161 dBm/NA –159 dBm/NA –155 dBm/NA –167 dBm/NA typical –166 dBm/NA typical –164 dBm/NA typical –166 dBm/NA typical –165 dBm/NA typical –162 dBm/NA typical –161 dBm/NA typical –157 dBm/NA typical DANL with Noise Floor Extension (NFE) on 4 Improvement @ 95th percentile RF/MW (Option 503, 508, 513, 526) Preamp Off Preamp On LNP enabled 2, 3 Band 0, f > 20 MHz Band 1 Band 2 Band 3 Band 4 9 dB 10 dB 10 dB 9 dB 10 dB 10 dB 9 dB 10 dB 10 dB 8 dB NA 10 dB 10 dB 10 dB 10 dB Examples of effective DANL Frequency 20 to 30 °C Preamp Off Preamp On LNP enabled 2, 3 Mid-Band 0 (1.8 GHz) Mid-Band 1 (5.95 GHz) Mid-Band 2 (10.95 GHz) Mid-Band 3 (15.3 GHz) Mid-Band 4 (21.75 GHz) –161 dBm –171 dBm –158 dBm –172 dBm –159 dBm –168 dBm –152 dBm –165 dBm –149 dBm –160 dBm NA –162 dBm –162 dBm –160 dBm –160 dBm 1. With the NFE (Noise Floor Extension) “Off”. 2. LNP (Low Noise Path) requires option LNP. 3. At higher frequency bands (beyond 3.6 GHz), Preamp “On” supersedes “LNP enabled”. LNP cannot operate simultaneously with preamp. 4. Beginning January 2015, all PXAs ship standard with the second-generation of NFE (instrument alignment based) installed as N9030A-NF2. |
Similar Part No. - N9030A |
|
Similar Description - N9030A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |